Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F449IPZ Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F449IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F449IPZ Datasheet(HTML) 16 Page - Texas Instruments

Back Button MSP430F449IPZ Datasheet HTML 12Page - Texas Instruments MSP430F449IPZ Datasheet HTML 13Page - Texas Instruments MSP430F449IPZ Datasheet HTML 14Page - Texas Instruments MSP430F449IPZ Datasheet HTML 15Page - Texas Instruments MSP430F449IPZ Datasheet HTML 16Page - Texas Instruments MSP430F449IPZ Datasheet HTML 17Page - Texas Instruments MSP430F449IPZ Datasheet HTML 18Page - Texas Instruments MSP430F449IPZ Datasheet HTML 19Page - Texas Instruments MSP430F449IPZ Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 85 page
background image
MSP430x43x, MSP430x44x
MIXED SIGNAL MICROCONTROLLER
SLAS344A – JANUARY 2002 – REVISED FEBRUARY 2002
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
interrupt enable 1 and 2
76
5
4
0
UTXIE0
OFIE
WDTIE
32
1
rw–0
rw–0
rw–0
Address
0h
URXIE0
ACCVIE
NMIIE
rw–0
rw–0
rw–0
WDTIE:
Watchdog-timer-interrupt enable signal
OFIE:
Oscillator-fault-interrupt enable signal
NMIIE:
Nonmaskable-interrupt enable signal
ACCVIE:
(Non)maskable-interrupt enable signal, access violation if FLASH memory/module is busy
URXIE0:
USART0, UART, and SPI receive-interrupt enable signal
UTXIE0:
USART0, UART, and SPI transmit-interrupt enable signal
76
5
4
0
UTXIE1
32
1
rw–0
rw–0
Address
01h
URXIE1
rw–0
BTIE
URXIE1:
USART1, UART, and SPI receive-interrupt enable signal (MSP430F44x devices only)
UTXIE1:
USART1, UART, and SPI transmit-interrupt enable signal (MSP430F44x devices only)
BTIE:
Basic timer interrupt enable signal
interrupt flag register 1 and 2
76
5
4
0
UTXIFG0
OFIFG
WDTIFG
32
1
rw–0
rw–1
rw–0
Address
02h
URXIFG0
NMIIFG
rw–1
rw–0
WDTIFG:
Set on overflow or security key violation or
reset on VCC power-on or reset condition at RST/NMI
OFIFG:
Flag set on oscillator fault
NMIIFG:
Set via RST/NMI pin
URXIFG0:
USART0, UART, and SPI receive flag
UTXIFG0:
USART0, UART, and SPI transmit flag
76
5
4
0
UTXIFG1
32
1
rw–1
rw–0
Address
03h
URXIFG1
BTIFG
rw
URXIFG1:
USART1, UART, and SPI receive flag (MSP430F44x devices only)
UTXIFG1:
USART1, UART, and SPI transmit flag (MSP430F44x devices only)
BTIFG:
Basic timer flag



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com