Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F449IPZ Datasheet(PDF) 67 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F449IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F449IPZ Datasheet(HTML) 67 Page - Texas Instruments

Back Button MSP430F449IPZ Datasheet HTML 63Page - Texas Instruments MSP430F449IPZ Datasheet HTML 64Page - Texas Instruments MSP430F449IPZ Datasheet HTML 65Page - Texas Instruments MSP430F449IPZ Datasheet HTML 66Page - Texas Instruments MSP430F449IPZ Datasheet HTML 67Page - Texas Instruments MSP430F449IPZ Datasheet HTML 68Page - Texas Instruments MSP430F449IPZ Datasheet HTML 69Page - Texas Instruments MSP430F449IPZ Datasheet HTML 70Page - Texas Instruments MSP430F449IPZ Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 85 page
background image
MSP430x43x, MSP430x44x
MIXED SIGNAL MICROCONTROLLER
SLAS344A – JANUARY 2002 – REVISED FEBRUARY 2002
67
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
+
–
10
µF 100 nF
AVSS
MSP430F43x
MSP430F44x
+
–
10
µF 100 nF
AVCC
10
µF 100 nF
DVSS
DVCC
From
Power
Supply
+
–
Apply External Reference (VeREF+)
or Use Internal Reference (VREF+)
VREF+ or VeREF+
VREF–/VeREF–
Reference Is Internally
Switched to AVSS
Figure 26. Supply Voltage and Reference Voltage Design VREF–/VeREF– = AVSS, Internally Connected
electrical characteristics over recommended operating free-air temperature (unless otherwise
noted)
12-bit ADC, temperature sensor and built-in Vmid
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
I
Operating supply current
into AVCC terminal
V(REFON) = 0, INCH = 0Ah,
VCC = 2.2 V
40
120
A
ICC(SENSOR)
into AVCC terminal
(see Note 1)
V(REFON) = 0, INCH = 0Ah,
ADC12ON = NA, TA = 25_C
VCC = 3 V
60
160
µA
V
†
ADC12ON = 1, INCH = 0Ah,
V
2 2 V/3 V
986
986
±5%
mV
V(SENSOR)†
ADC12ON = 1, INCH = 0Ah,
TA = 0°C
VCC = 2.2 V/3 V
986
986
±5%
mV
TC
†
ADC12ON
1 INCH
0Ah
V
2 2 V/3 V
355
355
±3% mV/°C
TC(SENSOR)†
ADC12ON = 1, INCH = 0Ah
VCC = 2.2 V/3 V
3.55
3.55
±3% mV/°C
t
†
Sample time required if
channel 10 is selected
ADC12ON = 1, INCH = 0Ah,
V
2 2 V/3 V
30
s
ts(SENSOR)†
channel 10 is selected
(see Note 2)
ADC12ON = 1, INCH = 0Ah,
Error of conversion result
≤ 1 LSB VCC = 2.2 V/3 V
30
µs
V
AVCC di ider at channel 11
ADC12ON = 1, INCH = 0Bh,
VCC = 2.2 V
1.1
1.1
±0.04
V
V(MID)
AVCC divider at channel 11
ADC12ON = 1, INCH = 0Bh,
V(MID) is ~0.5 x V(AVCC)
VCC = 3 V
1.5
1.5
±0.04
V
t(ON VMID)
On-time if channel 11 is
ADC12ON = 1, INCH = 0Bh,
VCC 2 2 V/3 V
NA
ns
t(ON_VMID)
On time if channel 11 is
selected (see Note 3)
ADC12ON = 1, INCH = 0Bh,
Error of conversion result
≤ 1 LSB
VCC = 2.2 V/3 V
NA
ns
† Not production tested, limits characterized
‡ Not production tested, limits verified by design
NOTES:
1. The sensor current ISENSOR is consumed if (ADC12ON = 1 and V(REFON) = 1), or (ADC12ON=1 AND INCH=0Ah and sample signal
is high). Therefore it includes the constant current through the sensor and the reference.
2. The typical equivalent impedance of the sensor is 51 k
Ω. The sample time needed is the sensor-on time t(SENSOR_ON)
3. The on-time t(ON_VMID) is identical to sampling time t(Sample); no additional on time is needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com