Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5416 Datasheet(PDF) 72 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5416
Description  TMS320VC5416 Fixed-Point Digital Signal Processor
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5416 Datasheet(HTML) 72 Page - Texas Instruments

Back Button TMS320VC5416 Datasheet HTML 68Page - Texas Instruments TMS320VC5416 Datasheet HTML 69Page - Texas Instruments TMS320VC5416 Datasheet HTML 70Page - Texas Instruments TMS320VC5416 Datasheet HTML 71Page - Texas Instruments TMS320VC5416 Datasheet HTML 72Page - Texas Instruments TMS320VC5416 Datasheet HTML 73Page - Texas Instruments TMS320VC5416 Datasheet HTML 74Page - Texas Instruments TMS320VC5416 Datasheet HTML 75Page - Texas Instruments TMS320VC5416 Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 98 page
background image
www.ti.com
5.5.6
HOLD and HOLDA Timings
TMS320VC5416
Fixed-Point Digital Signal Processor
SPRS095O – MARCH 1999 – REVISED JANUARY 2005
Table 5-15 and Table 5-16 assume testing over recommended operating conditions and H = 0.5tc(CO) (see
Figure 5-14).
Table 5-15. HOLD and HOLDA Timing Requirements
5416-120
5416-160
UNIT
MIN
MAX
tw(HOLD)
Pulse duration, HOLD low duration
4H+8
ns
tsu(HOLD)
Setup time, HOLD before CLKOUT low(1)
7
ns
(1)
This input can be driven from an asynchronous source, therefore, there are no specific timing requirments with respect to CLKOUT.
However, if this timing is met, the input will be recognized on the CLKOUT edge referenced.
Table 5-16. HOLD and HOLDA Switching Characteristics
5416-120
5416-160
PARAMETER
UNIT
MIN
MAX
tdis(CLKL-A)
Disable time, Address, PS, DS, IS high impedance from CLKOUT low
3
ns
tdis(CLKL-RW)
Disable time, R/W high impedance from CLKOUT low
3
ns
tdis(CLKL-S)
Disable time, MSTRB, IOSTRB high impedance from CLKOUT low
3
ns
ten(CLKL-A)
Enable time, Address, PS, DS, IS valid from CLKOUT low
2H+3
ns
ten(CLKL-RW)
Enable time, R/W enabled from CLKOUT low
2H+3
ns
ten(CLKL-S)
Enable time, MSTRB, IOSTRB enabled from CLKOUT low
2
2H+3
ns
Valid time, HOLDA low after CLKOUT low
– 1
4
ns
tv(HOLDA)
Valid time, HOLDA high after CLKOUT low
– 1
4
ns
tw(HOLDA)
Pulse duration, HOLDA low duration
2H–3
ns
Electrical Specifications
72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com