Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5416 Datasheet(PDF) 74 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5416
Description  TMS320VC5416 Fixed-Point Digital Signal Processor
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5416 Datasheet(HTML) 74 Page - Texas Instruments

Back Button TMS320VC5416 Datasheet HTML 70Page - Texas Instruments TMS320VC5416 Datasheet HTML 71Page - Texas Instruments TMS320VC5416 Datasheet HTML 72Page - Texas Instruments TMS320VC5416 Datasheet HTML 73Page - Texas Instruments TMS320VC5416 Datasheet HTML 74Page - Texas Instruments TMS320VC5416 Datasheet HTML 75Page - Texas Instruments TMS320VC5416 Datasheet HTML 76Page - Texas Instruments TMS320VC5416 Datasheet HTML 77Page - Texas Instruments TMS320VC5416 Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 98 page
background image
www.ti.com
5.5.7
Reset, BIO, Interrupt, and MP/MC Timings
BIO
CLKOUT
RS, INTn, NMI
X2/CLKIN
th(BIO)
th(RS)
tsu(INT)
tw(BIO)S
tsu(BIO)
tw(RSL)
tsu(RS)
TMS320VC5416
Fixed-Point Digital Signal Processor
SPRS095O – MARCH 1999 – REVISED JANUARY 2005
Table 5-17 assumes testing over recommended operating conditions and H = 0.5tc(CO) (see Figure 5-15,
Figure 5-16, and Figure 5-17).
Table 5-17. Reset, BIO, Interrupt, and MP/MC Timing Requirements
5416-120
5416-160
UNIT
MIN
MAX
th(RS)
Hold time, RS after CLKOUT low(1)
2
ns
th(BIO)
Hold time, BIO after CLKOUT low(1)
4
ns
th(INT)
Hold time, INTn, NMI, after CLKOUT low(1)(2)
0
ns
th(MPMC)
Hold time, MP/MC after CLKOUT low(1)
4
ns
tw(RSL)
Pulse duration, RS low(3)(4)
4H + 3
ns
tw(BIO)S
Pulse duration, BIO low, synchronous
2H + 3
ns
tw(BIO)A
Pulse duration, BIO low, asynchronous
4H
ns
tw(INTH)S
Pulse duration, INTn, NMI high (synchronous)
2H + 2
ns
tw(INTH)A
Pulse duration, INTn, NMI high (asynchronous)
4H
ns
tw(INTL)S
Pulse duration, INTn, NMI low (synchronous)
2H + 2
ns
tw(INTL)A
Pulse duration, INTn, NMI low (asynchronous)
4H
ns
tw(INTL)WKP
Pulse duration, INTn, NMI low for IDLE2/IDLE3 wakeup
7
ns
tsu(RS)
Setup time, RS before X2/CLKIN low(2)(1)
3
ns
tsu(BIO)
Setup time, BIO before CLKOUT low(1)
7
ns
tsu(INT)
Setup time, INTn, NMI, RS before CLKOUT low(1)
7
ns
tsu(MPMC)
Setup time, MP/MC before CLKOUT low(1)
5
ns
(1)
These inputs can be driven from an asynchronous source, therefore, there are no specific timing requirements with respect to CLKOUT,
however, if setup and hod timings are met, the input will be recognized on the CLKOUT edge referenced.
(2)
The external interrupts (INT0-INT3, NMI) are synchronized to the core CPU by way of a two-flip-flop synchronizer that samples thse
inputs with consecutive falling edges of CLKOUT. The input to the interrupt pins is required to represent a1-0-0 sequence at the timing
that is corresponding to three CLKOUTs sampling sequence.
(3)
If the PLL mode is selected, then at power-on sequence, or at wakeup from IDLE3, RS must be held low for at least 50 µs to ensure
synchronization and lock-in of the PLL.
(4)
Note that RS may cause a change in clock frequency, therefore changing the value of H.
Figure 5-15. Reset and BIO Timings
74
Electrical Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com