Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5416 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5416
Description  TMS320VC5416 Fixed-Point Digital Signal Processor
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5416 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TMS320VC5416 Datasheet HTML 18Page - Texas Instruments TMS320VC5416 Datasheet HTML 19Page - Texas Instruments TMS320VC5416 Datasheet HTML 20Page - Texas Instruments TMS320VC5416 Datasheet HTML 21Page - Texas Instruments TMS320VC5416 Datasheet HTML 22Page - Texas Instruments TMS320VC5416 Datasheet HTML 23Page - Texas Instruments TMS320VC5416 Datasheet HTML 24Page - Texas Instruments TMS320VC5416 Datasheet HTML 25Page - Texas Instruments TMS320VC5416 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 98 page
background image
www.ti.com
TMS320VC5416
Fixed-Point Digital Signal Processor
SPRS095O – MARCH 1999 – REVISED JANUARY 2005
15
8
IPTR
R/W-1FF
7
6
5
4
3
2
1
0
IPTR
MP/MC
OVLY
AVIS
DROM
CLKOFF
SMUL
SST
MP/MC pin
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
LEGEND: R = Read, W = Write, n = value present after reset
Figure 3-4. Process Mode Status Register
Table 3-2. Processor Mode Status (PMST) Register Bit Fields
BIT
RESET
FUNCTION
VALUE
NO.
NAME
Interrupt vector pointer. The 9-bit IPTR field points to the 128-word program page where the interrupt
vectors reside. The interrupt vectors can be remapped to RAM for boot-loaded operations. At reset,
15-7
IPTR
1FFh
these bits are all set to 1; the reset vector always resides at address FF80h in program memory space.
The RESET instruction does not affect this field.
Microprocessor/microcomputer mode. MP/MC enables/disables the on-chip ROM to be addressable in
program memory space.
•
MP/MC = 0: The on-chip ROM is enabled and addressable.
MP/MC • MP/MC = 1: The on-chip ROM is not available.
6
MP/MC
pin
MP/MC is set to the value corresponding to the logic level on the MP/MC pin when sampled at reset.
This pin is not sampled again until the next reset. The RESET instruction does not affect this bit. This
bit can also be set or cleared by software.
RAM overlay. OVLY enables on-chip dual-access data RAM blocks to be mapped into program space.
The values for the OVLY bit are:
5
OVLY
0
•
OVLY = 0: The on-chip RAM is addressable in data space but not in program space.
•
OVLY = 1: The on-chip RAM is mapped into program space and data space. Data page 0
(addresses 0h to 7Fh), however, is not mapped into program space.
Address visibility mode. AVIS enables/disables the internal program address to be visible at the
address pins.
•
AVIS = 0: The external address lines do not change with the internal program address. Control
4
AVIS
0
and data lines are not affected and the address bus is driven with the last address on the bus.
•
AVIS = 1: This mode allows the internal program address to appear at the pins of the device so
that the internal program address can be traced. Also, it allows the interrupt vector to be decoded
in conjunction with IACK when the interrupt vectors reside on on-chip memory.
DROM enables on-chip DARAM4-7 to be mapped into data space. The DROM bit values are:
3
DROM
0
•
DROM = 0: The on-chip DARAM4-7 is not mapped into data space.
•
DROM = 1: The on-chip DARAM4-7 is mapped into data space.
CLOCKOUT off. When the CLKOFF bit is 1, the output of CLKOUT is disabled and remains at a high
2
CLKOFF
0
level.
Saturation on multiplication. When SMUL = 1, saturation of a multiplication result occurs before
1
SMUL
N/A
performing the accumulation in a MAC of MAS instruction. The SMUL bit applies only when OVM = 1
and FRCT = 1.
Saturation on store. When SST = 1, saturation of the data from the accumulator is enabled before
0
SST
N/A
storing in memory. The saturation is performed after the shift operation.
22
Functional Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com