Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5416 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5416
Description  TMS320VC5416 Fixed-Point Digital Signal Processor
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5416 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TMS320VC5416 Datasheet HTML 21Page - Texas Instruments TMS320VC5416 Datasheet HTML 22Page - Texas Instruments TMS320VC5416 Datasheet HTML 23Page - Texas Instruments TMS320VC5416 Datasheet HTML 24Page - Texas Instruments TMS320VC5416 Datasheet HTML 25Page - Texas Instruments TMS320VC5416 Datasheet HTML 26Page - Texas Instruments TMS320VC5416 Datasheet HTML 27Page - Texas Instruments TMS320VC5416 Datasheet HTML 28Page - Texas Instruments TMS320VC5416 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 98 page
background image
www.ti.com
3.6.2
Programmable Bank-Switching
TMS320VC5416
Fixed-Point Digital Signal Processor
SPRS095O – MARCH 1999 – REVISED JANUARY 2005
Programmable bank-switching logic allows the device to switch between external memory banks without
requiring external wait states for memories that need additional time to turn off. The bank-switching logic
automatically inserts one cycle when accesses cross a 32K-word memory-bank boundary inside program
or data space.
Bank-switching is defined by the bank-switching control register (BSCR), which is memory-mapped
ataddress 0029h. The bit fields of the BSCR are shown in Figure 3-7 and are described in Table 3-5.
15
14
13
12
11
8
CONSEC
DIVFCT
IACKOFF
Reserved
R/W-1
R/W-11
R/W-1
R
7
3
2
1
0
Reserved
HBH
BH
Reserved
R
R/W-0
R/W-0
R
LEGEND: R = Read, W = Write, n = value present after reset
Figure 3-7. Bank-Switching Control Register BSCR)[MMR Address 0029h]
Table 3-5. Bank-Switching Control Register (BSCR) Fields
RESET
BIT
NAME
FUNCTION
VALUE
Consecutive bank-switching. Specifies the bank-switching mode.
•
CONSEC = 0: Bank-switching on 32K bank boundaries only. This bit is cleared if fast access is
CONSEC
15
1
desired for continuous memory reads (i.e., no starting and trailing cycles between read cycles).
(1)
•
CONSEC = 1: Consecutive bank switches on external memory reads. Each read cycle consists of
3 cycles: starting cycle, read cycle, and trailing cycle.
CLKOUT output divide factor. The CLKOUT output is driven by an on-chip source having a frequency
equal to 1/(DIVFCT+1) of the DSP clock.
•
DIVFCT = 00: CLKOUT is not divided.
14-13
DIVFCT
11
•
DIVFCT = 01: CLKOUT is divided by 2 from the DSP clock.
•
DIVFCT = 10: CLKOUT is divided by 3 from the DSP clock.
•
DIVFCT = 11: CLKOUT is divided by 4 from the DSP clock (default value following reset).
IACK signal output off. Controls the output of the IACK signal. IACKOFF is set to 1 at reset.
12
IACKOFF
11
•
IACKOFF = 0: The IACK signal output off function is disabled.
•
IACKOFF = 1: The IACK signal output off function is enabled.
11-3
Rsvd
Reserved
HPI bus holder. Controls the HPI bus holder. HBH is cleared to 0 at reset.
•
HBH = 0: The bus holder is disabled except when HPI16 = 1.
2
HBH
0
•
HBH = 1: The bus holder is enabled. When not driven, the HPI data bus, HD[7:0] is held in the
previous logic level.
Bus holder. Controls the bus holder. BH is cleared to 0 at reset.
•
BH = 0: The bus holder is disabled.
1
BH
0
•
BH = 1: The bus holder is enabled. When not driven, the data bus, D[15:0] is held in the previous
logic level.
0
Rsvd
Reserved
(1)
For additional information, see Section 3.11 of this document.
Functional Overview
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com