Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5416 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5416
Description  TMS320VC5416 Fixed-Point Digital Signal Processor
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5416 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TMS320VC5416 Datasheet HTML 26Page - Texas Instruments TMS320VC5416 Datasheet HTML 27Page - Texas Instruments TMS320VC5416 Datasheet HTML 28Page - Texas Instruments TMS320VC5416 Datasheet HTML 29Page - Texas Instruments TMS320VC5416 Datasheet HTML 30Page - Texas Instruments TMS320VC5416 Datasheet HTML 31Page - Texas Instruments TMS320VC5416 Datasheet HTML 32Page - Texas Instruments TMS320VC5416 Datasheet HTML 33Page - Texas Instruments TMS320VC5416 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 98 page
background image
www.ti.com
3.8
Multichannel Buffered Serial Ports (McBSPs)
TMS320VC5416
Fixed-Point Digital Signal Processor
SPRS095O – MARCH 1999 – REVISED JANUARY 2005
The device provides three high-speed, full-duplex, multichannel buffered serial ports that allow direct
interface to other C54x/LC54x devices, codecs, and other devices in a system. The McBSPs are based on
the standard serial-port interface found on other 54x devices. Like their predecessors, the McBSPs
provide:
• Full-duplex communication
• Double-buffer data registers, which allow a continuous data stream
• Independent framing and clocking for receive and transmit
In addition, the McBSPs have the following capabilities:
• Direct interface to:
–
T1/E1 framers
–
MVIP switching compatible and ST-BUS compliant devices
–
IOM-2 compliant devices
–
AC97-compliant devices
–
IIS-compliant devices
–
Serial peripheral interface
• Multichannel transmit and receive of up to 128 channels
• A wide selection of data sizes, including 8, 12, 16, 20, 24, or 32 bits
• µ-law and A-law companding
• Programmable polarity for both frame synchronization and data clocks
• Programmable internal clock and frame generation
The McBSP consists of a data path and control path. The six pins, BDX, BDR, BFSX, BFSR, BCLKX, and
BCLKR, connect the control and data paths to external devices. The implemented pins can be
programmed as general-purpose I/O pins if they are not used for serial communication.
The data is communicated to devices interfacing to the McBSP by way of the data transmit (BDX) pin for
transmit and the data receive (BDR) pin for receive. The CPU or DMA reads the received data from the
data receive register (DRR) and writes the data to be transmitted to the data transmit register (DXR). Data
written to the DXR is shifted out to BDX by way of the transmit shift register (XSR). Similarly, receive data
on the BDR pin is shifted into the receive shift register (RSR) and copied into the receive buffer register
(RBR). RBR is then copied to DRR, which can be read by the CPU or DMA. This allows internal data
movement and external data communications simultaneously.
Control information in the form of clocking and frame synchronization is communicated by way of BCLKX,
BCLKR, BFSX, and BFSR. The device communicates to the McBSP by way of 16-bit-wide control
registers accessible via the internal peripheral bus.
The control block consists of internal clock generation, frame synchronization signal generation, and their
control, and multichannel selection. This control block sends notification of important events to the CPU
and DMA by way of two interrupt signals, XINT and RINT, and two event signals, XEVT and REVT.
The on-chip companding hardware allows compression and expansion of data in either µ-law or A-law
format. When companding is used, transmitted data is encoded according to the specified companding
law and received data is decoded to 2s complement format.
The sample rate generator provides the McBSP with several means of selecting clocking and framing for
both the receiver and transmitter. Both the receiver and transmitter can select clocking and framing
independently.
30
Functional Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com