Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5416 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5416
Description  TMS320VC5416 Fixed-Point Digital Signal Processor
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5416 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TMS320VC5416 Datasheet HTML 24Page - Texas Instruments TMS320VC5416 Datasheet HTML 25Page - Texas Instruments TMS320VC5416 Datasheet HTML 26Page - Texas Instruments TMS320VC5416 Datasheet HTML 27Page - Texas Instruments TMS320VC5416 Datasheet HTML 28Page - Texas Instruments TMS320VC5416 Datasheet HTML 29Page - Texas Instruments TMS320VC5416 Datasheet HTML 30Page - Texas Instruments TMS320VC5416 Datasheet HTML 31Page - Texas Instruments TMS320VC5416 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 98 page
background image
www.ti.com
3.7.2
HPI Nonmultiplexed Mode
HPID[15:0]
HAS
HDS1, HDS2, HCS
DMA
PPD[15:0]
DATA[15:0]
Address[17:0]
R/W
Data Strobes
READY
HPI16
HRDY
54xx
CPU
VCC
HCNTL0
HCNTL1
HR/W
HINT
HBIL
HOST
TMS320VC5416
Fixed-Point Digital Signal Processor
SPRS095O – MARCH 1999 – REVISED JANUARY 2005
In nonmultiplexed mode, a host with separate address/data buses can access the HPI16 data register
(HPID) via the HD 16-bit bidirectional data bus, and the address register (HPIA) via the 18-bit HA address
bus. The host initiates the access with the strobe signals (HDS1, HDS2, HCS) and controls the direction of
the access with the HR/W signal. The HPI16 can stall host accesses via the HRDY signal. Note that the
HPIC register is not available in nonmultiplexed mode since there are no HCNTL signals available. All
host accesses initiate a DMA read or write access. Figure 3-8 shows a block diagram of the HPI16 in
nonmultiplexed mode. Figure 3-9 shows the HPI memory map.
Figure 3-8. Host-Port Interface — Nonmulltiplexed Mode
28
Functional Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com