Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8595 Datasheet(PDF) 40 Page - Wolfson Microelectronics plc

Part # WM8595
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8595 Datasheet(HTML) 40 Page - Wolfson Microelectronics plc

Back Button WM8595 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 44Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 82 page
background image
WM8595
Production Data
w
PD, Rev 4.2, January 2011
40
DIGITAL ROUTING CONTROL
The WM8595 includes a highly flexible digital routing multiplexer, allowing independent systems to be
directly connected to the WM8595 without the need for glue logic. The WM8595 consists of two
digital audio ‘ports’, each with four pins, which can be configured to connect to any of the three
internal WM8595 systems (ADC, DAC1 or DAC2) or to any other digital audio ports. An additional
ADC data pin and two GPIO pins are available as auxiliary bidirectional data pins. A simplified block
diagram of the digital routing is shown in Figure 21:
Figure 21 Digital Routing Block Diagram
The default configuration of the clocking is as shown in Figure 22 below. It is expected that this
configuration will satisfy the majority of the use cases for the WM8595, but if it doesn’t it is possible
to route the signals differently. See the following pages for details of this setup.
Figure 22 Default Clocking Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com