Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8595 Datasheet(PDF) 68 Page - Wolfson Microelectronics plc

Part # WM8595
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8595 Datasheet(HTML) 68 Page - Wolfson Microelectronics plc

Back Button WM8595 Datasheet HTML 64Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 65Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 66Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 67Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 68Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 69Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 70Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 71Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 72Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 82 page
background image
WM8595
Production Data
w
PD, Rev 4.2, January 2011
68
R37 (25h) – Audio Interface MUX Configuration Register 1 (AIF_MUX1)
Bit #
15
14
13
12
11
10
9
8
Read
0
0
0
0
0
PORT1_UPD
0
0
Write
N/A
N/A
N/A
N/A
N/A
N/A
N/A
Default
0
0
0
0
0
0
0
0
Bit #
7
6
5
4
3
2
1
0
Read
0
WORDCLK1_SEL[2:0]
MCLK1_SEL[2:0]
0
Write
N/A
N/A
Default
0
0
0
0
0
0
0
0
N/A = Not Applicable (no function implemented)
Function
Description
MCLK1_SEL[2:0]
MCLK1 Pin Function Select
000 = Input to WM8595
001 = Output MCLK2
010 to 111 = Reserved
WORDCLK1_SEL[2:0]
BCLK1 and LRCLK1 Pins Function Select
000 = Inputs to WM8595
001 = Output BCLK2 and LRCLK2
010 to 110 = Reserved
111 = Output ADCBCLK and ADCBCLK (when ADC is master mode)
PORT1_UPD
Port 1 Update
0 = Latch corresponding Port 1 settings into Register Map but do not update
1 = Latch corresponding Port 1 settings into Register Map and update all simultaneously
Figure 49 R37 – Audio Interface MUX Configuration Register 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com