Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8595 Datasheet(PDF) 57 Page - Wolfson Microelectronics plc

Part # WM8595
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8595 Datasheet(HTML) 57 Page - Wolfson Microelectronics plc

Back Button WM8595 Datasheet HTML 53Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 54Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 55Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 56Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 57Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 58Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 59Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 60Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 61Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 82 page
background image
Production Data
WM8595
w
PD, Rev 4.2, January 2011
57
R11 (0Bh) – DAC2R Digital Volume Control Register (DAC2R_VOL)
Bit #
15
14
13
12
11
10
9
8
Read
0
0
0
0
0
0
0
DAC2R_VU
Write
N/A
N/A
N/A
N/A
N/A
N/A
N/A
Default
0
0
0
0
0
0
0
0
Bit #
7
6
5
4
3
2
1
0
Read
DAC2R_VOL[7:0]
Write
Default
1
1
0
0
1
0
0
0
N/A = Not Applicable (no function implemented)
Function
Description
DAC2R_VOL[7:0]
DAC2R Digital Volume
0000 0000 = -100dB
0000 0001 = -99.5dB
0000 0010 = -99dB
…0.5dB steps
1100 1000 = 0dB
…0.5dB steps
1101 1111 = +11.5dB
111X XXXX = +12dB
DAC2R_VU
DAC2R Digital Volume Update
0 = Latch DAC2R_VOL[7:0] into Register Map but do not update volume
1 = Latch DAC2R_VOL[7:0] into Register Map and update left and right channels simultaneously
Figure 33 R11 – DAC2R Digital Volume Control Register
R12 (0Ch) – Device Enable Register (ENABLE)
Bit #
15
14
13
12
11
10
9
8
Read
0
0
0
0
0
0
0
0
Write
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
Default
0
0
0
0
0
0
0
0
Bit #
7
6
5
4
3
2
1
0
Read
0
0
0
0
0
0
DAC2_
COPY_DAC1
GLOBAL_EN
Write
N/A
N/A
N/A
N/A
N/A
N/A
Default
0
0
0
0
0
0
0
0
N/A = Not Applicable (no function implemented)
Function
Description
GLOBAL_EN
Device Global Enable
0 = ADC, DAC and PGA ramp control circuitry disabled
1 = ADC, DAC and PGA ramp control circuitry enabled
DAC2_COPY_DAC1
DAC2 Configuration Control
0 = DAC2 settings independent of DAC1
1 = DAC2 settings are the same as DAC1
Figure 34 R12 – Device Enable Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com