Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8595 Datasheet(PDF) 21 Page - Wolfson Microelectronics plc

Part # WM8595
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8595 Datasheet(HTML) 21 Page - Wolfson Microelectronics plc

Back Button WM8595 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 25Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 82 page
background image
Production Data
WM8595
w
PD, Rev 4.2, January 2011
21
DEVICE ID AND REVISION
Reading from register R0 returns the device ID. Reading from register R1 returns the device revision
number.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R0
DEVICE_ID
00h
15:0
DEVICE_ID
[15:0]
10000101
10010101
Device ID
A read of this register will return the device
ID, 0x8595.
R1
REVISION
01h
7:0
REVNUM
[7:0]
N/A
Device Revision
A read of this register will return the device
revision number. This number is sequentially
incremented if the device design is updated.
Table 10 Device ID and Revision Number
DIGITAL AUDIO DATA FORMATS
The WM8595 supports a range of common audio interface formats:
I
2S
Left Justified (LJ)
Right Justified (RJ)
DSP Mode A
DSP Mode B
All formats send the MSB first and support word lengths of 16, 20, 24 and 32 bits, with the exception
of 32 bit RJ mode, which is not supported.
Audio data for each stereo channel is time multiplexed with the interface’s left/right clock indicating
whether the left or right channel is present. The left/right clock is also used as a timing reference to
indicate the beginning or end of the data words.
In LJ, RJ and I2S modes, the minimum number of bit clock periods per left/right clock period is two
times the selected word length. The left/right clock must be high for a minimum of bit clock periods
equivalent to the word length, and low for the same period. For example, for a word length of 24 bits,
the left/right clock must be high for a minimum of 24 bit clock periods and low for a minimum of 24
bit clock periods. Any mark to space ratio is acceptable for the left/right clock provided these
requirements are met.
In DSP modes A and B, left and right channels must be time multiplexed and input on DACDAT.
LRCLK is used as a frame synchronisation signal to identify the MSB of the first input word. The
minimum number of bit clock periods per left/right clock period is two times the selected word length.
Any mark to space ratio is acceptable for the left/right clock provided the rising edge is correctly
positioned.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com