Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8595 Datasheet(PDF) 62 Page - Wolfson Microelectronics plc

Part # WM8595
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8595 Datasheet(HTML) 62 Page - Wolfson Microelectronics plc

Back Button WM8595 Datasheet HTML 58Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 59Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 60Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 61Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 62Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 63Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 64Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 65Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 66Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 82 page
background image
WM8595
Production Data
w
PD, Rev 4.2, January 2011
62
Function
Description
PGA1L_VOL[7:0]
PGA1R_VOL[7:0]
PGA2L_VOL[7:0]
PGA2R_VOL[7:0]
Input PGA Volume
0000 0000 = +6dB
0000 0001 = +5.5dB
…0.5dB steps
00001100 = 0dB
…
1001 1110 = -73.5dB
1001 1111 = PGA Mute
PGA1L_VU
PGA1R_VU
PGA2L_VU
PGA2R_VU
Input PGA Volume Update
0 = Latch corresponding volume setting into Register Map but do not update volume
1 = Latch corresponding volume setting into Register Map and update all channels simultaneously
Figure 40 R19-24 – PGA Volume Control Registers
R25 (19h) – PGA Control Register 1 (PGA_CTRL1)
Bit #
15
14
13
12
11
10
9
8
Read
0
0
0
0
0
0
0
0
Write
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
Default
0
0
0
0
0
0
0
0
Bit #
7
6
5
4
3
2
1
0
Read
0
0
PGA2R_ZC
PGA2L_ZC
PGA1R_ZC
PGA1L_ZC
ATTACK_
BYPASS
DECAY_
BYPASS
Write
N/A
N/A
Default
0
0
0
0
0
0
0
0
N/A = Not Applicable (no function implemented)
Function
Description
DECAY_BYPASS
PGA Gain Decay Mode
0 = PGA gain will ramp down
1 = PGA gain will step down
ATTACK_BYPASS
PGA Gain Attack Mode
0 = PGA gain will ramp up
1 = PGA gain will step up
PGA1L_ZC
PGA1R_ZC
PGA2L_ZC
PGA2R_ZC
PGA Gain Zero Cross Enable
0 = PGA gain updates occur immediately
1 = PGA gain updates occur on zero cross
Zero cross must be disabled to use gain ramp
Figure 41 R25 – PGA Control Register 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com