Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8595 Datasheet(PDF) 70 Page - Wolfson Microelectronics plc

Part # WM8595
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8595 Datasheet(HTML) 70 Page - Wolfson Microelectronics plc

Back Button WM8595 Datasheet HTML 66Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 67Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 68Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 69Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 70Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 71Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 72Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 73Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 74Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 82 page
background image
WM8595
Production Data
w
PD, Rev 4.2, January 2011
70
R42 (2Ah) – Audio Interface MUX Configuration Register 3 (AIF_MUX3)
Bit #
15
14
13
12
11
10
9
8
Read
0
0
0
0
0
DAC1_UPD
DAC1DIN_SEL[2:1]
Write
N/A
N/A
N/A
N/A
N/A
Default
0
0
0
0
0
0
0
0
Bit #
7
6
5
4
3
2
1
0
Read
DAC1DIN_
SEL[0]
DAC1WORDCLK_SEL[2:0]
DAC1MCLK_SEL[2:0]
0
Write
N/A
Default
0
0
0
0
0
0
0
0
N/A = Not Applicable (no function implemented)
Function
Description
DAC1MCLK_SEL[2:0]
DAC1MCLK Select
000 = Use MCLK1
001 = Use MCLK2
010 to 111 = Reserved
DAC1WORDCLK_
SEL[2:0]
DAC1BCLK and DAC1LRCLK Select
000 = Use BCLK1 and LRCLK1
001 = Use BCLK2 and LRCLK2
010 to 110 = Reserved
111 = Use ADCBCLK and ADCBCLK (when ADC is master mode)
DAC1DIN_SEL[2:0]
DAC1DIN Select
000 = Use DACDAT1
001 = Use DACDAT2
010 to 100 = Reserved
101 = Use GPIO1
110 = Use GPIO2
111 = Reserved
DAC1_UPD
DAC1 Clock Update
0 = Latch corresponding DAC1 clock settings into Register Map but do not update
1 = Latch corresponding DAC1 clock settings into Register Map and update all simultaneously
Figure 51 R42 – Audio Interface MUX Configuration Register 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com