Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5407 Datasheet(PDF) 83 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5407
Description  Fixed-Point Digital Signal Processors
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5407 Datasheet(HTML) 83 Page - Texas Instruments

Back Button TMS320VC5407 Datasheet HTML 79Page - Texas Instruments TMS320VC5407 Datasheet HTML 80Page - Texas Instruments TMS320VC5407 Datasheet HTML 81Page - Texas Instruments TMS320VC5407 Datasheet HTML 82Page - Texas Instruments TMS320VC5407 Datasheet HTML 83Page - Texas Instruments TMS320VC5407 Datasheet HTML 84Page - Texas Instruments TMS320VC5407 Datasheet HTML 85Page - Texas Instruments TMS320VC5407 Datasheet HTML 86Page - Texas Instruments TMS320VC5407 Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 110 page
background image
Electrical Specifications
83
November 2001 − Revised April 2004
SPRS007D
5.8.4 I/O Write
Table 5−13 assumes testing over recommended operating conditions, IOSTRB = 0, and H = 0.5tc(CO) (see
Figure 5−9).
Table 5−13. I/O Write Switching Characteristics
PARAMETER
MIN
MAX
UNIT
t
Delay time, CLKOUT low to address
For accesses not immediately following a
HOLD operation
− 1
4
ns
td(CLKL-A)
Delay time, CLKOUT low to address
valid†
For read accesses immediately following a
HOLD operation
− 1
6
ns
t
Setup time, address valid before IOSTRB
For accesses not immediately following a
HOLD operation
2H − 3
ns
tsu(A)IOSL
Setup time, address valid before IOSTRB
low†
For read accesses immediately following a
HOLD operation
2H − 5
ns
td(CLKL-D)W
Delay time, CLKOUT low to write data valid
− 1
4
ns
tsu(D)IOSH
Setup time, data valid before IOSTRB high
2H − 5
2H + 6
ns
th(D)IOSH
Hold time, data valid after IOSTRB high
2H − 5
2H + 6
ns
td(CLKL-IOSL)
Delay time, CLKOUT low to IOSTRB low
− 1
4
ns
tw(SL)IOS
Pulse duration, IOSTRB low
2H − 2
ns
td(CLKL-IOSH)
Delay time, CLKOUT low to IOSTRB high
0
4
ns
† Address R/W, PS, DS, and IS timings are included in timings referenced as address.
td(CLKL-D)W
CLKOUT
A[22:0]†
D[15:0]
IOSTRB
R/W†
IS†
td(CLKL-D)W
tsu(D)IOSH
th(D)IOSH
tsu(A)IOSL
tw(SL)IOS
td(CLKL-IOSL)
td(CLKL-IOSH)
td(CLKL-A)
† Address, R/W, PS, DS, and IS timings are all included in timings referenced as address.
Figure 5−9. Parallel I/O Port Write (IOSTRB = 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com