Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5407 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5407
Description  Fixed-Point Digital Signal Processors
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5407 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TMS320VC5407 Datasheet HTML 10Page - Texas Instruments TMS320VC5407 Datasheet HTML 11Page - Texas Instruments TMS320VC5407 Datasheet HTML 12Page - Texas Instruments TMS320VC5407 Datasheet HTML 13Page - Texas Instruments TMS320VC5407 Datasheet HTML 14Page - Texas Instruments TMS320VC5407 Datasheet HTML 15Page - Texas Instruments TMS320VC5407 Datasheet HTML 16Page - Texas Instruments TMS320VC5407 Datasheet HTML 17Page - Texas Instruments TMS320VC5407 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 110 page
background image
Introduction
14
November 2001 − Revised April 2004
SPRS007D
2
Introduction
This data manual discusses features and specifications of the TMS320VC5407 and TMS320VC5404
(hereafter referred to as the 5407/5404 unless otherwise specified) digital signal processors (DSPs). The 5407
and 5404 are essentially the same device except for differences in their memory maps.
This section lists the pin assignments and describes the function of each pin. This data manual also provides
a detailed description section, electrical specifications, parameter measurement information, and mechanical
data about the available packaging.
NOTE: This data manual is designed to be used in conjunction with the TMS320C54x DSP Functional
Overview (literature number SPRU307).
2.1
Description
The 5407/5404 are based on an advanced modified Harvard architecture that has one program memory bus
and three data memory buses. These processors provide an arithmetic logic unit (ALU) with a high degree
of parallelism, application-specific hardware logic, on-chip memory, and additional on-chip peripherals. The
basis of the operational flexibility and speed of these DSPs is a highly specialized instruction set.
Separate program and data spaces allow simultaneous access to program instructions and data, providing
a high degree of parallelism. Two read operations and one write operation can be performed in a single cycle.
Instructions with parallel store and application-specific instructions can fully utilize this architecture. In
addition, data can be transferred between data and program spaces. Such parallelism supports a powerful
set of arithmetic, logic, and bit-manipulation operations that can all be performed in a single machine cycle.
These DSPs also include the control mechanisms to manage interrupts, repeated operations, and function
calls.
2.2
Pin Assignments
Figure 2−1 illustrates the ball locations for the 144-pin ball grid array (BGA) package and is used in conjunction
with Table 2−1 to locate signal names and ball grid numbers. Figure 2−2 provides the pin assignments for the
144-pin low-profile quad flatpack (LQFP) package.
TMS320C54x is a trademark of Texas Instruments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com