Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5407 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5407
Description  Fixed-Point Digital Signal Processors
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5407 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TMS320VC5407 Datasheet HTML 23Page - Texas Instruments TMS320VC5407 Datasheet HTML 24Page - Texas Instruments TMS320VC5407 Datasheet HTML 25Page - Texas Instruments TMS320VC5407 Datasheet HTML 26Page - Texas Instruments TMS320VC5407 Datasheet HTML 27Page - Texas Instruments TMS320VC5407 Datasheet HTML 28Page - Texas Instruments TMS320VC5407 Datasheet HTML 29Page - Texas Instruments TMS320VC5407 Datasheet HTML 30Page - Texas Instruments TMS320VC5407 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 110 page
background image
Functional Overview
27
November 2001 − Revised April 2004
SPRS007D
3.5.2 5404 Memory Map
Reserved
(OVLY = 1)
External
(OVLY = 0)
Page 0 Program
Hex
Data
On-Chip
DARAM0−1
(OVLY = 1)
External
(OVLY = 0)
MP/MC= 0
(Microcomputer Mode)
MP/MC= 1
(Microprocessor Mode)
0000
007F
0080
FFFF
Interrupts
(External)
FF80
Memory-Mapped
Registers
On-Chip
DARAM0−1
(32K x 16-bit)
0080
FFFF
FF7F
0060
007F
0000
Hex
External
Scratch-Pad
RAM
005F
On-Chip ROM
(32K x 16-bit)
Interrupts
(On-Chip)
3FFF
4000
Page 0 Program
Hex
0000
007F
0080
FFFF
Reserved
(OVLY = 1)
External
(OVLY = 0)
FF80
FF7F
3FFF
4000
Reserved
FF00
FEFF
4000
3FFF
On-Chip
DARAM0−1
(OVLY = 1)
External
(OVLY = 0)
External
C000
BFFF
PDROM0−1
(DROM = 1)
or
External
(DROM = 0)
8000
7FFF
Reserved
(OVLY = 1)
External
(OVLY = 0)
9FFF
A000
Reserved
(OVLY = 1)
External
(OVLY = 0)
5FFF
6000
Reserved
9FFF
A000
Reserved
Figure 3−4. 5404 Program and Data Memory Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com