Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN89218 Datasheet(PDF) 48 Page - Microchip Technology

Part # LAN89218
Description  High-Performance Single-Chip 10/100 Ethernet Controller for Automotive Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89218 Datasheet(HTML) 48 Page - Microchip Technology

Back Button LAN89218 Datasheet HTML 44Page - Microchip Technology LAN89218 Datasheet HTML 45Page - Microchip Technology LAN89218 Datasheet HTML 46Page - Microchip Technology LAN89218 Datasheet HTML 47Page - Microchip Technology LAN89218 Datasheet HTML 48Page - Microchip Technology LAN89218 Datasheet HTML 49Page - Microchip Technology LAN89218 Datasheet HTML 50Page - Microchip Technology LAN89218 Datasheet HTML 51Page - Microchip Technology LAN89218 Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 148 page
background image
LAN89218
DS60001255B-page 48
 2008-2015 Microchip Technology Inc.
3.12.2.2
TX Command ‘B’
3.12.3
TX DATA FORMAT
The TX data section begins at the third DWORD in the TX buffer (after TX command ‘A’ and TX command ‘B’). The
location of the first byte of valid buffer data to be transmitted is specified in the “Data Start Offset” field of the TX
command ‘A’ word. Table 3-15 shows the correlation between the setting of the LSBs in the “Data Start Offset” field
and the byte location of the first valid data byte. Additionally, transmit buffer data can be offset by up to 7 additional
DWORDS as indicated by the upper three MSBs (5:2) in the “Data Start Offset” field.
TX data is contiguous until the end of the buffer. The buffer may end on a byte boundary. Unused bytes at the end
of the packet will not be sent to the MIL for transmission.
The Buffer End Alignment field in TX command ‘A’ specifies the alignment that must be maintained for the associated
buffer. End alignment may be specified as 4-, 16-, or 32-byte. The host processor is responsible for adding the
additional data to the end of the buffer. The hardware will automatically remove this extra data.
TABLE 3-14:
TX COMMAND 'B' FORMAT
Bits
Description
31:16
Packet Tag. The host should write a unique packet identifier to this field. This identifier is added to the
corresponding TX status word and can be used by the host to correlate TX status words with their corre-
sponding packets.
Note:
The use of packet tags is not required by the hardware. This field can be used by the LAN
software driver for any application. Packet Tags is one application example.
15
Reserved. This bit is reserved. Always write zeros to this bit to guarantee future compatibility.
14
TX Checksum Enable (CK). When this bit is set in conjunction with the first segment (FS) bit in TX
Command ‘A’ and the TX checksum offload engine enable bit (TXCOE_EN) in the COE_CR—Check-
sum Offload Engine Control Register, the TX checksum offload engine (TXCOE) will calculate a L3
checksum for the associated frame.
13
Add CRC Disable. When set, the automatic addition of the CRC is disabled.
12
Disable Ethernet Frame Padding. When set, this bit prevents the automatic addition of padding to an
Ethernet frame of less than 64 bytes. The CRC field is also added despite the state of the Add CRC Dis-
able field.
11
Reserved. These bits are reserved. Always write zeros to this field to guarantee future compatibility.
10:0
Packet Length (bytes). This field indicates the total number of bytes in the current packet. This length
does not include the offset or padding. If the Packet Length field does not match the actual number of
bytes in the packet the Transmitter Error (TXE) flag will be set.
TABLE 3-15:
TX DATA START OFFSET
Data Start Offset [1:0]:
11
10
01
00
First TX Data Byte:
D[31:24]
D[23:16]
D[15:8]
D[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com