Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN89218 Datasheet(PDF) 84 Page - Microchip Technology

Part # LAN89218
Description  High-Performance Single-Chip 10/100 Ethernet Controller for Automotive Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89218 Datasheet(HTML) 84 Page - Microchip Technology

Back Button LAN89218 Datasheet HTML 80Page - Microchip Technology LAN89218 Datasheet HTML 81Page - Microchip Technology LAN89218 Datasheet HTML 82Page - Microchip Technology LAN89218 Datasheet HTML 83Page - Microchip Technology LAN89218 Datasheet HTML 84Page - Microchip Technology LAN89218 Datasheet HTML 85Page - Microchip Technology LAN89218 Datasheet HTML 86Page - Microchip Technology LAN89218 Datasheet HTML 87Page - Microchip Technology LAN89218 Datasheet HTML 88Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 148 page
background image
LAN89218
DS60001255B-page 84
 2008-2015 Microchip Technology Inc.
RX and TX MIL FIFO levels are not visible to the host processor. RX and TX MIL FIFOs operate independent of the
TX data and RX data and status FIFOs. FIFO levels set for the RX and TX data and Status FIFOs do not take into
consideration the MIL FIFOs.
5.3.10
RX_DP_CTRL—RECEIVE DATAPATH CONTROL REGISTER
This register is used to discard unwanted receive frames.
5.3.11
RX_FIFO_INF—RECEIVE FIFO INFORMATION REGISTER
This register contains the used space in the receive FIFOs of the LAN89218 Ethernet Controller.
Offset:
78h
Size:
32 bits
Bits
Description
Type
Default
31
RX Data FIFO Fast Forward (RX_FFWD): Writing a ‘1’ to this bit causes the
RX data FIFO to fast-forward to the start of the next frame. This bit will remain
high until the RX data FIFO fast-forward operation has completed. No reads
should be issued to the RX data FIFO while this bit is high.
Note:
Refer to Section 3.13.1.1 for detailed information regarding the
use of RX_FFWD.
R/W
SC
0b
30:0
Reserved
RO
-
Offset:
7Ch
Size:
32 bits
Bits
Description
Type
Default
31:24
Reserved
RO
-
23:16
RX Status FIFO Used Space (RXSUSED). Indicates the amount of space in
DWORDs, used in the RX Status FIFO.
RO
00h
15:0
RX Data FIFO Used Space (RXDUSED).). Reads the amount of space in
bytes, used in the RX data FIFO. For each receive frame, this field is incre-
mented by the length of the receive data rounded up to the nearest DWORD
(if the payload does not end on a DWORD boundary).
RO
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com