Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN89218 Datasheet(PDF) 91 Page - Microchip Technology

Part # LAN89218
Description  High-Performance Single-Chip 10/100 Ethernet Controller for Automotive Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89218 Datasheet(HTML) 91 Page - Microchip Technology

Back Button LAN89218 Datasheet HTML 87Page - Microchip Technology LAN89218 Datasheet HTML 88Page - Microchip Technology LAN89218 Datasheet HTML 89Page - Microchip Technology LAN89218 Datasheet HTML 90Page - Microchip Technology LAN89218 Datasheet HTML 91Page - Microchip Technology LAN89218 Datasheet HTML 92Page - Microchip Technology LAN89218 Datasheet HTML 93Page - Microchip Technology LAN89218 Datasheet HTML 94Page - Microchip Technology LAN89218 Datasheet HTML 95Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 148 page
background image
 2008-2015 Microchip Technology Inc.
DS60001255B-page 91
LAN89218
5.3.17
WORD_SWAP—WORD SWAP CONTROL
This register controls how words from the host data bus are mapped to the CSRs and Data FIFOs inside the
LAN89218. The LAN89218 always sends data from the Transmit Data FIFO to the network so that the low order
word is sent first, and always receives data from the network to the Receive Data FIFO so that the low order word
is received first.
Offset:
98h
Size:
32 bits
Bits
Description
Type
Default
31:0
Word Swap. This field only has significance if the device is operated in 16-bit
mode. In 32-bit mode, D[31:15] is always mapped to the high order word and
D[15:0] is always mapped to the low order word. In 16-bit mode, if this field is
set to 00000000h, or anything except 0xFFFFFFFFh, the LAN89218 maps
words with address bit A[1]=1 to the high order words of the CSRs and Data
FIFOs, and words with address bit A[1]=0 to the low order words of the CSRs
and Data FIFOs. If this field is set to 0xFFFFFFFFh, the LAN89218 maps
words with address bit A[1]=1 to the low order words of the CSRs and Data
FIFOs, and words with address bit A[1]=0 to the high order words of the
CSRs and Data FIFOs.
Note:
Refer to Section 3.7.1 for additional information.
Note:
Word swap is used in conjunction with the mixed endian function-
ality to determine the final byte ordering. Refer to Section 3.7.4 for
more information.
R/W
NASR
00000000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com