Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN89218 Datasheet(PDF) 60 Page - Microchip Technology

Part # LAN89218
Description  High-Performance Single-Chip 10/100 Ethernet Controller for Automotive Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89218 Datasheet(HTML) 60 Page - Microchip Technology

Back Button LAN89218 Datasheet HTML 56Page - Microchip Technology LAN89218 Datasheet HTML 57Page - Microchip Technology LAN89218 Datasheet HTML 58Page - Microchip Technology LAN89218 Datasheet HTML 59Page - Microchip Technology LAN89218 Datasheet HTML 60Page - Microchip Technology LAN89218 Datasheet HTML 61Page - Microchip Technology LAN89218 Datasheet HTML 62Page - Microchip Technology LAN89218 Datasheet HTML 63Page - Microchip Technology LAN89218 Datasheet HTML 64Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 148 page
background image
LAN89218
DS60001255B-page 60
 2008-2015 Microchip Technology Inc.
3.13.4
STOPPING AND STARTING THE RECEIVER
To stop the receiver, the host must clear the RXEN bit in the MAC Control Register. When the receiver is halted, the
RXSTOP_INT will be pulsed. Once stopped, the host can optionally clear the RX status and RX data FIFOs. The
host must re-enable the receiver by setting the RXEN bit.
3.13.5
RECEIVER ERRORS
If the Receiver Error (RXE) flag is asserted for any reason, the receiver will continue operation. RX Error (RXE) will
be asserted under the following conditions:
• A host underrun of RX data FIFO
• A host underrun of the RX status FIFO
• An overrun of the RX status FIFO
It is the duty of the host to identify and resolve any error conditions.
6
Collision Seen. When set, this bit indicates that the frame has seen a collision after the collision win-
dow. This indicates that a late collision has occurred.
5
Frame Type. When set, this bit indicates that the frame is an Ethernet-type frame (Length/Type field in
the frame is greater than 1500). When reset, it indicates the incoming frame was an 802.3 type frame.
This bit is not set for Runt frames less than 14 bytes.
4
Receive Watchdog time-out. When set, this bit indicates that the incoming frame is greater than 2048
bytes through 2560 bytes, therefore expiring the Receive Watchdog Timer.
3
MII Error. When set, this bit indicates that a receive error (RX_ER asserted) was detected during frame
reception.
2
Dribbling Bit. When set, this bit indicates that the frame contained a non-integer multiple of 8 bits. This
error is reported only if the number of dribbling bits in the last byte is 4 in the MII operating mode, or at
least 3 in the 10 Mbps operating mode. This bit will not be set when the collision seen bit[6] is set. If set
and the CRC error bit[1] is cleared, then the packet is considered to be valid.
1
CRC Error. When set, this bit indicates that a CRC error was detected. This bit is also set when the
RX_ER pin is asserted during the reception of a frame even though the CRC may be correct. This bit is
not valid if the received frame is a Runt frame, or a late collision was detected or when the Watchdog
Time-out occurs.
0
Reserved. These bits are reserved. Reads 0
Bits
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com