Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN89218 Datasheet(PDF) 79 Page - Microchip Technology

Part # LAN89218
Description  High-Performance Single-Chip 10/100 Ethernet Controller for Automotive Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89218 Datasheet(HTML) 79 Page - Microchip Technology

Back Button LAN89218 Datasheet HTML 75Page - Microchip Technology LAN89218 Datasheet HTML 76Page - Microchip Technology LAN89218 Datasheet HTML 77Page - Microchip Technology LAN89218 Datasheet HTML 78Page - Microchip Technology LAN89218 Datasheet HTML 79Page - Microchip Technology LAN89218 Datasheet HTML 80Page - Microchip Technology LAN89218 Datasheet HTML 81Page - Microchip Technology LAN89218 Datasheet HTML 82Page - Microchip Technology LAN89218 Datasheet HTML 83Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 148 page
background image
 2008-2015 Microchip Technology Inc.
DS60001255B-page 79
LAN89218
5.3.5
BYTE_TEST—BYTE ORDER TEST REGISTER
This register can be used to determine the byte ordering of the current configuration
5.3.6
FIFO_INT—FIFO LEVEL INTERRUPTS
This register configures the limits where the FIFO Controllers will generate system interrupts.
Offset:
64h
Size:
32 bits
Bits
Description
Type
Default
31:0
Byte Test
RO
87654321h
Offset:
68h
Size:
32 bits
Bits
Description
Type
Default
31:24
TX Data Available Level. The value in this field sets the level, in number of
64 Byte blocks, at which the TX FIFO Available interrupt (TFDA) will be gen-
erated. When the TX data FIFO free space is greater than this value a TX
FIFO Available interrupt (TDFA) will be generated.
R/W
48h
23:16
TX Status Level. The value in this field sets the level, in number of
DWORDs, at which the TX Status FIFO Level interrupt (TSFL) will be gener-
ated. When the TX Status FIFO used space is greater than this value an TX
Status FIFO Level interrupt (TSFL) will be generated.
R/W
00h
15:8
Reserved
RO
-
7:0
RX Status Level. The value in this field sets the level, in number of
DWORDs, at which the RX Status FIFO Level interrupt (RSFL) will be gener-
ated. When the RX Status FIFO used space is greater than this value an RX
Status FIFO Level interrupt (RSFL) will be generated.
R/W
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com