Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN89218 Datasheet(PDF) 96 Page - Microchip Technology

Part # LAN89218
Description  High-Performance Single-Chip 10/100 Ethernet Controller for Automotive Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89218 Datasheet(HTML) 96 Page - Microchip Technology

Back Button LAN89218 Datasheet HTML 92Page - Microchip Technology LAN89218 Datasheet HTML 93Page - Microchip Technology LAN89218 Datasheet HTML 94Page - Microchip Technology LAN89218 Datasheet HTML 95Page - Microchip Technology LAN89218 Datasheet HTML 96Page - Microchip Technology LAN89218 Datasheet HTML 97Page - Microchip Technology LAN89218 Datasheet HTML 98Page - Microchip Technology LAN89218 Datasheet HTML 99Page - Microchip Technology LAN89218 Datasheet HTML 100Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 148 page
background image
LAN89218
DS60001255B-page 96
 2008-2015 Microchip Technology Inc.
5.3.23
E2P_CMD – EEPROM COMMAND REGISTER
This register is used to control the read and write operations with the Serial EEPROM.
Offset:
B0h
Size:
32 bits
Bits
Description
Type
Default
31
EPC Busy: When a 1 is written into this bit, the operation specified in the
EPC command field is performed at the specified EEPROM address. This bit
will remain set until the operation is complete. In the case of a read this
means that the host can read valid data from the E2P data register. The
E2P_CMD and E2P_DATA registers should not be modified until this bit is
cleared. In the case where a write is attempted and an EEPROM is not pres-
ent, the EPC Busy remains busy until the EPC Time-out occurs. At that time
the busy bit is cleared.
Note:
EPC busy will be high immediately following power-up or reset.
After the EEPROM controller has finished reading (or attempting
to read) the MAC address from the EEPROM the EPC Busy bit is
cleared.
SC
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com