Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN89218 Datasheet(PDF) 101 Page - Microchip Technology

Part # LAN89218
Description  High-Performance Single-Chip 10/100 Ethernet Controller for Automotive Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89218 Datasheet(HTML) 101 Page - Microchip Technology

Back Button LAN89218 Datasheet HTML 97Page - Microchip Technology LAN89218 Datasheet HTML 98Page - Microchip Technology LAN89218 Datasheet HTML 99Page - Microchip Technology LAN89218 Datasheet HTML 100Page - Microchip Technology LAN89218 Datasheet HTML 101Page - Microchip Technology LAN89218 Datasheet HTML 102Page - Microchip Technology LAN89218 Datasheet HTML 103Page - Microchip Technology LAN89218 Datasheet HTML 104Page - Microchip Technology LAN89218 Datasheet HTML 105Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 148 page
background image
 2008-2015 Microchip Technology Inc.
DS60001255B-page 101
LAN89218
13
Hash/Perfect Filtering Mode (HPFILT). When reset (0), the LAN89218 will implement a perfect
address filter on incoming frames according the address specified in the MAC address register.
When set (1), the address check Function does imperfect address filtering of multicast incoming frames
according to the hash table specified in the multicast hash table register.
If the Hash Only Filtering mode (HO) bit is set (1), then the physical (IA) are imperfect filtered too. If the
Hash Only Filtering mode (HO) bit is reset (0), then the IA addresses are perfect address filtered
according to the MAC Address register
12
Late Collision Control (LCOLL). When set, enables retransmission of the collided frame even after
the collision period (late collision). When reset, the MAC disables frame transmission on a late collision.
In any case, the Late Collision status is appropriately updated in the Transmit Packet status.
11
Disable Broadcast Frames (BCAST). When set, disables the reception of broadcast frames. When
reset, forwards all broadcast frames to the application.
Note:
When wake-up frame detection is enabled via the WUEN bit of the WUCSR—Wake-up Con-
trol and Status Register, a broadcast wake-up frame will wake-up the device despite the
state of this bit.
10
Disable Retry (DISRTY). When set, the MAC attempts only one transmission. When a collision is seen
on the bus, the MAC ignores the current frame and goes to the next frame and a retry error is reported
in the Transmit status. When reset, the MAC attempts 16 transmissions before signaling a retry error.
9
Reserved
8
Automatic Pad Stripping (PADSTR). When set, the MAC strips the pad field on all incoming frames, if
the length field is less than 46 bytes. The FCS field is also stripped, since it is computed at the transmit-
ting station based on the data and pad field characters, and is invalid for a received frame that has had
the pad characters stripped. Receive frames with a 46-byte or greater length field are passed to the
Application unmodified (FCS is not stripped). When reset, the MAC passes all incoming frames to the
host unmodified.
Note:
When PADSTR is enabled, the RX Checksum Offload Engine must be disabled (bit 0
(RXCOE_EN) of the COE_CR—Checksum Offload Engine Control Register) and vice versa.
These functions cannot be enabled simultaneously.
Bits
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com