Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX71122 Datasheet(PDF) 35 Page - Melexis Microelectronic Systems

Part # MLX71122
Description  300 to 930MHz FSK/FM/ASK Receiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX71122 Datasheet(HTML) 35 Page - Melexis Microelectronic Systems

Back Button MLX71122_16 Datasheet HTML 31Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 32Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 33Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 34Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 35Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 36Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 37Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 38Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 39Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 59 page
background image
MLX71122
300 to 930MHz FSK/FM/ASK Receiver
Datasheet
REVISION 014 – AUGUST, 2016
Page 35 of 59
390 10 71122 01
3.4.4. Output Comparator
The output comparator or data slicer decides whether the incoming signal is a digital LOW or HIGH by using
the reference voltage at SLC (pin 32). If the internal voltage is larger than the reference then the output is
HIGH and vice versa. Nevertheless, the polarity of the output comparator can be inverted. The driving
capability of the comparator output is ±2mA and in standby mode the tri-state output is at high
impedance.
Pin DTAO must not be connected by a low impedance to a fixed voltage supply or a stronger driver output!
We recommend using a series resistance of 10kΩ to connect DTAO.
3.5. Frequency Acceptance Range
The frequency acceptance range is defined as
the bandwidth where the input sensitivity can
be degraded by 3dB at a maximum, compared
to the sensitivity at the center frequency of
the channel.
Typically, the frequency acceptance range of
the MLX71122 is about 180kHz, see Fig.16.
The frequency acceptance range is mainly
depending on the frequency deviation, and
slightly on the modulation frequency. The
larger the frequency deviation the smaller the
acceptance range.
Fig. 16: Measured sensitivity characteristic
(BER=3·10
-3, 4kbps, Δf=±20kHz)
3.6. Biasing System
The biasing system needs an external 30kΏ resistor that is connected between RBIAS (pin 10) and the PCB
ground. The band-gap voltage at RBIAS causes a reference current flow of about 42µA through this
reference current resistor. The accuracy of the external resistor should be within ±2%. To minimize the
temperature dependency it is recommended to use a metal film resistor.
3.7. Operating Modes
The MLX71122 has four operating modes having an impact on the receiver’s current consumption. The
OPMODE bits in register R0 (see 4.1.1) determine the operating mode. Selections are:
 00 – Shutdown
all blocks deactivated, only SPI active (default)
 01 – Receive
receiving data from LNAI at selected frequency
 10 – RO and bias only only biasing system and reference oscillator are working
 11 – Synthesizer only
only biasing system, reference oscillator and PLL are working
The first operating mode consumes virtually no current. The circuit is dead except of the SPI that can listen
to commands. In Receive mode all necessary blocks are turned on in order to receive data at the
programmed frequency.
frequency / MHz
-110
433.7
433.8
433.9
434.0
434.1
-107
-104
-101
-95
-98
-92
180kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com