Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX71122 Datasheet(PDF) 14 Page - Melexis Microelectronic Systems

Part # MLX71122
Description  300 to 930MHz FSK/FM/ASK Receiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX71122 Datasheet(HTML) 14 Page - Melexis Microelectronic Systems

Back Button MLX71122_16 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 11Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 12Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 13Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 14Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 15Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 16Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 17Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 18Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 59 page
background image
MLX71122
300 to 930MHz FSK/FM/ASK Receiver
Datasheet
REVISION 014 – AUGUST, 2016
Page 14 of 59
390 10 71122 01
Pin No.
Name
I/O Type
Functional Schematic
Description
25
PDP
analog I/O
PDP
PDN
25
26
VEE
VCC
VCC
VEE
120
120
SW2
peak detector positive
output for connecting an
external capacitor
26
PDN
analog I/O
peak detector positive
output for connecting an
external capacitor
27
DFO
analog
output
VEE
VCC
DFO
27
SW2
VEE
OA1
200K
510
data filter output
28
DF1
analog I/O
OA1
+
DF1
DF2
28
29
VEE
VCC
VCC
VEE
200K
ASK
FSK
SW1
data filter connection 1 for
connecting an external
capacitor
29
DF2
analog I/O
data filter connection 2 for
connecting an external
capacitor
30
VEEANA
ground
ground of RO, OA1, OA2,
PKD+, PKD- and BIAS
32
SLC
analog I/O
OA2
+
SW2
VCC
VEE
SLC
32
120
120
slicer reference input for
connecting an external
capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com