Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX71122 Datasheet(PDF) 42 Page - Melexis Microelectronic Systems

Part # MLX71122
Description  300 to 930MHz FSK/FM/ASK Receiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX71122 Datasheet(HTML) 42 Page - Melexis Microelectronic Systems

Back Button MLX71122_16 Datasheet HTML 38Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 39Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 40Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 41Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 42Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 43Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 44Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 45Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 46Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 59 page
background image
MLX71122
300 to 930MHz FSK/FM/ASK Receiver
Datasheet
REVISION 014 – AUGUST, 2016
Page 42 of 59
390 10 71122 01
4.1.2. Control Word R1
Name
Bits
Description
CPCUR
[1:0]
charge pump current setting
00
01
10
11
100µA
400µA
400µA static down
400µA static up
#default
PFDPOL
[2]
PFD output polarity
0
1
negative
positive
#default
LDERR
[3]
lock detector time error
0
1
15ns
30ns
#default
LDTIME
[5:4]
lock detection time
00
01
10
11
2/fR
4/fR
8/fR
16/fR
#default
minimum time span before lock in
fR is the reference oscillator frequency fRO divided by R, see section 4.1.5 (R4)
RSSIGAIN
[6]
sensitivity of RSSI voltage
0
1
low gain
high gain
(~39mV/dB)
(~51mV/dB)
#default
VCORANGE
[7]
VCO range
0
1
3V supply
5V supply
#default
VCO range setting for different VCCs.
VCOCUR
[8]
VCO core current
0
1
450µA
520µA
#default
VCOBUF
[9]
VCO buffer current
0
1
900µA
1040µA
#default
PRESCUR
[10]
prescaler 32/33 reference current
0
1
20µA
30µA
#default
30µA may be used for fRF = 868/915MHz
SHOWLD
[11]
function of LDRSSIL bit
0
1
RSSIL (RSSI low flag)
LD (lock detection flag)
#default
select output data of LDRSSIL, see section 4.1.8 (R7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com