Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX71122 Datasheet(PDF) 18 Page - Melexis Microelectronic Systems

Part # MLX71122
Description  300 to 930MHz FSK/FM/ASK Receiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX71122 Datasheet(HTML) 18 Page - Melexis Microelectronic Systems

Back Button MLX71122_16 Datasheet HTML 14Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 15Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 16Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 17Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 18Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 19Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 20Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 21Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 22Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 59 page
background image
MLX71122
300 to 930MHz FSK/FM/ASK Receiver
Datasheet
REVISION 014 – AUGUST, 2016
Page 18 of 59
390 10 71122 01
tot
PFD
PFD
RO
LO1
N
f
A)
P
(N
f
A)
P
(N
R
f
f
(6)
Since
8
4
1
2
or
LO
LO 
,the channel frequency step, fCH, ,is not equal to the phase-frequency detector (PFD)
frequency fPFD.
For LO2 high-side injection, the channel step size fCH is given by
LO2
LO2
PFD
LO2
LO2
RO
CH
N
1
N
f
N
1
N
R
f
f
,
(7)
while the following equation is valid for LO2 low-side injection:
LO2
LO2
PFD
LO2
LO2
RO
CH
N
1
N
f
N
1
N
R
f
f
.
(8)
3.1.1. Calculation of Counter Settings
Frequency planning and the selection of the MLX71122’s PLL counter settings are straightforward and can
be laid out on the following procedure.
For this type of counter, it is necessary that
N
A 
.
For discrete frequency tuning without equal channel steps:
Find a combination of R, A and N to obtain VCO
f
from equations (1), (2), (3) or (4). A large value for R is not
always necessary to get high resolution tuning. A combination of
TOT
N
and R can almost always be found
which will give sufficient frequency accuracy even with a high PLL reference frequency. For example,
433.92MHz can be tuned with a 10MHz crystal with
17
R
and
979
TOT
N
with an 8.3kHz error.
For equal channel steps without gaps:
It is necessary that
P
N 
, it follows
2
)
(
P
A
NP
, so
32
N
and
1024
tot
N
A
NP
.
(9)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com