Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX71122 Datasheet(PDF) 55 Page - Melexis Microelectronic Systems

Part # MLX71122
Description  300 to 930MHz FSK/FM/ASK Receiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX71122 Datasheet(HTML) 55 Page - Melexis Microelectronic Systems

Back Button MLX71122_16 Datasheet HTML 51Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 52Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 53Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 54Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 55Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 56Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 57Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 58Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 59Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 55 / 59 page
background image
MLX71122
300 to 930MHz FSK/FM/ASK Receiver
Datasheet
REVISION 014 – AUGUST, 2016
Page 55 of 59
390 10 71122 01
6.3. Test Circuit Component List
Below table is for all test circuits shown in Figures 20 to 22.
Part
Size
Value @
315 MHz
Value @
433.92
MHz
Value @
868.3
MHz
Value @
915 MHz
Tol.
Description
C1
0603
3.9 pF
4.7 pF
3.3 pF
1.5 pF
5% matching capacitor
C2
0603
1.5 pF
1.5 pF
1.5 pF
1.5 pF
5% matching capacitor
C3
0603
100 pF
100 pF
100 pF
100 pF
5% LNA input filtering capacitor
C4
0603
4.7 pF
3.3 pF
2.7 pF
2.2 pF
5% LNA output tank capacitor
C5
0603
100 pF
100 pF
100 pF
100 pF
5% MIX1 negative input matching
capacitor
C6
0603
100 pF
100 pF
100 pF
100 pF
5% MIX1 negative input matching
capacitor
C7
0603
1 nF
1 nF
1 nF
1 nF
10% RSSI output low pass capacitor,
for data rate of 4 kbps NRZ
C8
0603
220 pF
220 pF
220 pF
220 pF
10% data low-pass filter capacitor,
for data rate of 4 kbps NRZ
C9
0603
150 pF
150 pF
150 pF
150 pF
10% data low-pass filter capacitor,
for data rate of 4 kbps NRZ
C10
0603
33 nF
33 nF
33 nF
33 nF
10% data slicer capacitor,
for data rate of 4 kbps NRZ
not required in Figure 19
C11
0603
33 nF
33 nF
33 nF
33 nF
10% PKDET positive filtering capacitor, for
data rate of 4 kbps NRZ
not required in Figures. 17 and 18
C12
0603
33 nF
33 nF
33 nF
33 nF
10% PKDET negative filtering capacitor, for
data rate of 4 kbps NRZ
not required in Figures 17 and 18
CB0
1210
10 F
10 F
10 F
10 F
10%
decoupling capacitor,
low-noise power supply
recommended
CB1
0603
470 pF
470 pF
470 pF
470 pF
10% decoupling capacitor
CB2
0603
33 nF
33 nF
33 nF
33 nF
10% decoupling capacitor
CB3
0603
33 nF
33 nF
33 nF
33 nF
10% decoupling capacitor
CF1
0603
2.2 nF
2.2 nF
2.2 nF
2.2 nF
5% loop filter capacitor
CF2
0603
220 pF
220 pF
220 pF
220 pF
5% loop filter capacitor
CX
0603
27 pF
27 pF
27 pF
27 pF
5% crystal series capacitor
RB0
0603
10 
10 
10 
10 
5% protection resistor
RF
0603
27 k
27 k
47 k
47 k
5% loop filter resistor
RBS
0603
30 k
30 k
30 k
30 k
2% reference bias resistor
L0
0603
33 nH
15 nH
8.2 nH
8.2 nH
5% VCO tank inductor
L1
0603
68 nH
47 nH
22 nH
15 nH
5% matching inductor
L3
0603
33 nH
22 nH
5.6 nH
5.6 nH
5% LNA output tank inductor
XTAL
SMD
5x3.2
10.00000 MHz
20ppm cal., 30ppm temp.
fundamental-mode crystal
Remark:
The loop filter elements CF1, CF2 and RF are chosen for R=75 in case of 315 and 433.92MHz (fPFD=133kHz)
and R=125 for 868.3 and 915MHz (fPFD=80kHz) in order to allow 100kHz frequency steps of the synthesizer.
For other values of R the loop filter elements need to be recalculated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com