Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX71122 Datasheet(PDF) 26 Page - Melexis Microelectronic Systems

Part # MLX71122
Description  300 to 930MHz FSK/FM/ASK Receiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX71122 Datasheet(HTML) 26 Page - Melexis Microelectronic Systems

Back Button MLX71122_16 Datasheet HTML 22Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 23Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 24Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 25Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 26Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 27Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 28Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 29Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 30Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 59 page
background image
MLX71122
300 to 930MHz FSK/FM/ASK Receiver
Datasheet
REVISION 014 – AUGUST, 2016
Page 26 of 59
390 10 71122 01
3.2.8. Voltage Controlled Oscillator (VCO)
The receiver includes an LC-based voltage controlled oscillator with an external inductor connected
between pins TNK1 and TNK2. Two internal varactor diodes in series combination are forming the tuneable
part of the oscillator tank. The oscillation frequency is adjusted by the DC voltage at pin LF. The tuning
sensitivity of the VCO is approximately 83MHz/V for 433MHz operation and 105MHz/V at 868MHz,
respectively. Since the cathodes of the varactors is tied to VCC, a higher voltage at pin LF or an Up-signal of
the PFD forces the capacitance to decrease and the VCO frequency to increase. With positive phase
detector polarity (PFDPOL = HIGH) the edges of the signal fFB will catch up to the reference signal fR (see Fig.
4).
The VCO current VCOCUR can be adjusted via the SPI in order to ensure stable oscillations over the whole
frequency range. Also the bias current of the output buffer can be increased with VCOBUF to enhance its
driving capability at the high frequency bands above 800MHz (see section 4.1.2). If the supply voltage is
lower than 5V it is possible to adjust the tuning range of the VCO with VCORANGE
(see 4.1.2). The minimum supply voltage is 3V.
Fig.10: VCO schematic
3.2.9. Loop Filter Calculation
The values of the loop filter elements depend on several parameters which are the:
-
peak charge pump current, ICP
-
VCO gain, KVCO
-
desired phase margin of the open PLL loop transfer function, ΦM
-
desired closed PLL loop bandwidth, fC
-
the feedback divider ratio, N
The peak charge pump current of the MLX71122 can be set to 100μA or 400μA (see 4.1.2).
The VCO gain depends on the external tank inductor L0 and the VCORANGE setting (see 4.1.2). The
following table gives typical VCO gain values of the evaluation boards together with the frequency band.
VEE
Charge Pump
External
Loop Filter
VCCVCO
TNK1
TNK2
LF
VCC
5k
5k
VCOCUR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com