Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX71122 Datasheet(PDF) 28 Page - Melexis Microelectronic Systems

Part # MLX71122
Description  300 to 930MHz FSK/FM/ASK Receiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX71122 Datasheet(HTML) 28 Page - Melexis Microelectronic Systems

Back Button MLX71122_16 Datasheet HTML 24Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 25Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 26Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 27Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 28Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 29Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 30Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 31Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 32Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 59 page
background image
MLX71122
300 to 930MHz FSK/FM/ASK Receiver
Datasheet
REVISION 014 – AUGUST, 2016
Page 28 of 59
390 10 71122 01
3.3. Receiver Front End
The radio frequency (RF) front-end of the receiver is a double-superheterodyne configuration that converts
the input RF signal via a first intermediate frequency (IF1) signal to a second intermediate frequency (IF2)
signal. While the range of IF1 can vary between 100 and 200MHz, IF2 is fixed to 2MHz. Both signals are
completely processed internally. According to the block diagram (see Fig. 1), the front-end consists of an
LNA, a first mixer (MIX1), a second mixer (MIX2), an internal IF filter (IFF) and an IF limiting amplifier (IFA)
with received signal strength indicator (RSSI). The local oscillator signal for mixer 1 (LO1) is directly
generated in the PLL frequency synthesizer. The LO2 signal for mixer 2 is derived from the LO1 signal via a
divider (see 4.1.4).
There is no inherent suppression of the first mixer’s image frequency. It depends on the particular
application and the system’s environmental conditions whether an RF front-end filter should be added or
not. If image rejection and/or good blocking immunity are relevant system parameters, a band-pass filter
must be placed either in front or after the LNA. This filter can be a SAW (surface acoustic wave) or LC-
based filter (e.g. helical type). Because mixer 2 is an image rejection mixer, the image frequencies of the
second mixing process are suppressed (see Fig. 2). The advantage of a two stage mixing receiver is the
higher gain that can be achieved in the front end.
3.3.1. Low Noise Amplifier (LNA) and Mixer 1 (MIX1)
The LNA is based on a cascode topology for low-noise, high gain and good reverse isolation. The open
collector output has to be connected to an external resonance circuit tuned to the receive frequency. The
gain of the LNA can be changed to achieve a high dynamic range. There are four gain settings selectable by
the control bits LNAGAIN (see 4.1.1). Default setting is the highest gain. The gain settings are automatically
set if the automatic gain control (AGC) feature is activated (see 4.1.4).
The first mixer is a double-balanced mixer which converts the receive frequency to IF1. The default LO
injection type for RF frequencies below 600MHz should be high side (fLO1 = fRX + fIF1). Low side injection (fLO1
= fRX - fIF1) is recommended for the higher frequency bands. Since the data polarity of an FSK modulated
signal will be inverted by changing the injection side it is possible to change the data polarity at the data
output (DTAO) via bit DTAPOL (see 4.1.1). Two gain settings of mixer 1 can be selected through MIX1GAIN
(see 4.1.1): 14dB as a default value or 0dB optionally.
Fig. 11: LNA and Mixer 1
LNAO
MIXP
MIXN
C4
C5
C6
VCC
VCCLNA
LNAI
LO1
IF1
MIX1
VEELNA
LNA
L3
Ibias
LNAGAIN [1:0]
2
MIX1GAIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com