Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX71122 Datasheet(PDF) 47 Page - Melexis Microelectronic Systems

Part # MLX71122
Description  300 to 930MHz FSK/FM/ASK Receiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX71122 Datasheet(HTML) 47 Page - Melexis Microelectronic Systems

Back Button MLX71122_16 Datasheet HTML 43Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 44Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 45Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 46Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 47Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 48Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 49Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 50Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 51Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 59 page
background image
MLX71122
300 to 930MHz FSK/FM/ASK Receiver
Datasheet
REVISION 014 – AUGUST, 2016
Page 47 of 59
390 10 71122 01
5.3. Crystal Parameters
Parameter
Symbol
Condition
Min
Max
Unit
Crystal frequency
f0
fundamental mode, AT
10
MHz
Load capacitance
CL
10
15
pF
Static capacitance
C0
7
pF
Series resistance
R1
70
5.4. Serial Programming Interface (SPI)
Parameter
Symbol
Condition
Min
Max
Unit
Input High Voltage
VIH
VCC – 0.4
V
Input Low Voltage
VIL
0.4
V
SLCK frequency
fSLCK
10
MHz
SLCK period
tSLCK
100
ns
SDTA to SCLK set up time
tCS
20
ns
SCLK to SDTA hold time
tCH
20
ns
SCLK pulse width low
tCWL
50
ns
SCLK pulse width high
tCWH
50
ns
SCLK to SDEN set up time
tES
30
ns
SDEN pulse width
tEW
50
ns
SDEN to SCLK hold time
I
20
ns
Rising Edge of SLCK
tCR
0.1 tSLCK
ns
Falling Edge of SLCK
tCF
0.1 tSLCK
ns
SDEN to MFO data set-up time
tDES
70
ns
SCLK to MFO data set-up time
tDSO
50
ns
MFO max. pin load capacitance
CLMFO
20
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com