Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX71122 Datasheet(PDF) 52 Page - Melexis Microelectronic Systems

Part # MLX71122
Description  300 to 930MHz FSK/FM/ASK Receiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX71122 Datasheet(HTML) 52 Page - Melexis Microelectronic Systems

Back Button MLX71122_16 Datasheet HTML 48Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 49Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 50Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 51Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 52Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 53Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 54Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 55Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 56Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 59 page
background image
MLX71122
300 to 930MHz FSK/FM/ASK Receiver
Datasheet
REVISION 014 – AUGUST, 2016
Page 52 of 59
390 10 71122 01
6. Test Circuits
6.1. Standard FSK & ASK Reception in 8-Channel Preconfigured
(ABC) Mode
6.1.1. Averaging Data Slicer Configured for Bi-Phase Codes
Fig. 20:
Test circuit for FSK & ASK reception
MLX71122
9
10
11
12
13
14
15
16
8
1
2
3
4
5
6
7
32L QFN 5x5
MODSEL
RBIAS
TNK1
TNK2
VCCVCO
VEEVCO
RSSI
ENRX
LF
C6
C5
C4
L3
L0
CB1
PDP
PDN
LNAI
27
25
31
26
DF2
SLC
C9
DFO
DF1
30
29
28
C8
VEEANA
XTAL
CX
CB3
C7
C2
C3
L1
C1
CB2
RF
CF1
CF2
CB0
3-bit
frequency
selection
A
B
C
RX enable
FSK/ASK
32
C10
VCC
RBS
RB0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com