Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX71122 Datasheet(PDF) 30 Page - Melexis Microelectronic Systems

Part # MLX71122
Description  300 to 930MHz FSK/FM/ASK Receiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX71122 Datasheet(HTML) 30 Page - Melexis Microelectronic Systems

Back Button MLX71122_16 Datasheet HTML 26Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 27Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 28Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 29Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 30Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 31Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 32Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 33Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 34Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 59 page
background image
MLX71122
300 to 930MHz FSK/FM/ASK Receiver
Datasheet
REVISION 014 – AUGUST, 2016
Page 30 of 59
390 10 71122 01
3.3.4. FSK Demodulator
FSK reception is turned on if bit MODSEL in register R5 is set to LOW (default). The demodulator is
completely internally implemented, so no external, expensive discriminator device is needed. The used FSK
demodulator is based on a phase shifter and a mixer as depicted in Fig.14.
Fig. 14:
Block diagram of FSK demodulator
The phase shifter provides a phase shift of 90 degrees to the original IF signal at exactly 2MHz. There is no
AFC feature integrated since the frequency acceptance range of the demodulator is wide enough with
about ±150kHz. The phase shift is regulated by the same control loop that controls the center frequency of
the IF-filter. Tuning of the IF-filter will also change the DC value of the demodulator output. We
recommend turning off the tuning during receive mode using IFFHLT (see 4.1.7) if small frequency
deviations below ±20kHz have to be detected. The gain of the demodulator can be changed with bit
DEMGAIN (see 4.1.1). It can be set to 12mV/kHz (default) or to 14.5mV/kHz.
3.3.5. Autotuning Circuit
An auto-tuning mechanism is implemented that permanently adjusts the bias current of the
transconductance cells of the IF filter and the FSK demodulator in order to eliminate process, temperature
and supply voltage variations. For this purpose a matched master bi-quad is used as oscillator in a current
controlled oscillator (CCO) at 3MHz embedded in a PLL structure. A more detailed view on the tuning
circuit is shown in Fig.15.
RO
f
CCO
digital
dead band
control
~2.9094MHz
IFFVAL
tuning signal
proportional
to frequency
D
A
IF
Filter
fcenter = 2.0000MHz
IFAIN
MIX2OUT
8
4
RIFF
IFFSTATE[1:0]
IFFVAL [7:0]
10
IFFTUNE
IFFHLT
IFFPRES[7: 0]
10
tune
T
count CCO cylces
in Ttune/2 => N
N < 394 => IFFVAL + 1
N > 407 => IFFVAL - 1
default = 684
frequency
matching
once per Ttune:
typ.
10MHz
Fig.15:
block diagram of digital tuning circuitry
IN
limiter
limiter
limiter
LP 1st order
LP 1st order
buffer
OUT
phase shifter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com