Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX71122 Datasheet(PDF) 46 Page - Melexis Microelectronic Systems

Part # MLX71122
Description  300 to 930MHz FSK/FM/ASK Receiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX71122 Datasheet(HTML) 46 Page - Melexis Microelectronic Systems

Back Button MLX71122_16 Datasheet HTML 42Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 43Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 44Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 45Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 46Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 47Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 48Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 49Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 50Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 59 page
background image
MLX71122
300 to 930MHz FSK/FM/ASK Receiver
Datasheet
REVISION 014 – AUGUST, 2016
Page 46 of 59
390 10 71122 01
5. Technical Data
5.1. Absolute Maximum Ratings
Operation beyond absolute maximum ratings may cause permanent damage of the device.
Parameter
Symbol
Condition / Note
Min
Max
Unit
Supply voltage
VCC
0
7.0
V
Input voltage
VIN
- 0.3
Vcc+0.3
V
Input RF level
PiRF
@ LNA input
10
dBm
Storage temperature
TSTG
-55
+125
°C
Junction temperature
TJ
+150
°C
Thermal Resistance
RthJA
60
K/W
Power dissipation
Pdiss
0.1
W
Electrostatic discharge
VESD1
human body model, 1)
-1.0
+1.0
kV
VESD2
human body model, 2)
-0.75
+0.75
1) all pins except LNAO
2) pin LNAO
5.2. Normal Operating Conditions
Parameter
Symbol
Condition
Min
Max
Unit
Supply voltage
VCC
3.0
5.5
V
Operating temperature
TA
-40
+110
ºC
Input low voltage (CMOS)
VIL
ENRX, SEL pins, A/SCLK
B/SDTA, C/SDEN
0.3  VCC
V
Input high voltage (CMOS)
VIH
ENRX, SEL pins, A/SCLK
B/SDTA, C/SDEN
0.7  VCC
V
Input frequency range
fRF
300
930
MHz
IF1 range
fIF1
80
190
MHz
IF2 range
fIF2
2
MHz
XOSC frequency
fref
set by the crystal
10
MHz
VCO frequency
fLO
400
750
MHz
Frequency offset of carrier
fCAR
-100
100
kHz
Frequency deviation
f
10
50
kHz
FSK data rate
RFSK
NRZ
100
kbps
ASK data rate
RASK
NRZ
100
kbps
FM bandwidth
fm
15
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com