Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6684 Datasheet(PDF) 49 Page - Analog Devices

Part # AD6684
Description  135 MHz Quad IF Receiver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6684 Datasheet(HTML) 49 Page - Analog Devices

Back Button AD6684 Datasheet HTML 45Page - Analog Devices AD6684 Datasheet HTML 46Page - Analog Devices AD6684 Datasheet HTML 47Page - Analog Devices AD6684 Datasheet HTML 48Page - Analog Devices AD6684 Datasheet HTML 49Page - Analog Devices AD6684 Datasheet HTML 50Page - Analog Devices AD6684 Datasheet HTML 51Page - Analog Devices AD6684 Datasheet HTML 52Page - Analog Devices AD6684 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 107 page
background image
Data Sheet
AD6684
Rev. 0 | Page 49 of 107
NOISE SHAPING REQUANTIZER (NSR)
When operating the AD6684 with the NSR enabled, a decimating
half-band filter that is optimized at certain input frequency bands
can also be enabled. This filter offers the user the flexibility in
signal bandwidth processing and image rejection. Careful
frequency planning can offer advantages in analog filtering
preceding the ADC. The filter can function either in high-pass
or low-pass mode. The filter can be optionally enabled on the
AD6684 when the NSR is enabled. When operating with the
NSR enabled, the decimating half-band filter mode (low pass or
high pass) is selected by setting Bit 7 in Register 0x041E. When the
decimating half-band filter is enabled, the chip decimation ratio
register (Register 0x0201) must be set to a decimation rate of 2
(register value = 0x01).
DECIMATING HALF-BAND FILTER
The AD6684 optional decimating half-band filter reduces the
input sample rate by a factor of 2 while rejecting aliases that fall
into the band of interest. For an input sample clock of 500 MHz,
this filter reduces the output sample rate to 250 MSPS. This filter is
designed to provide >40 dB of alias protection for 39.5% of the
output sample rate (79% of the Nyquist band). For an ADC sample
rate of 500 MSPS, the filter provides a maximum usable
bandwidth of 98.75 MHz.
Half-Band Filter Coefficients
The 19-tap, symmetrical, fixed coefficient half-band filter has
low power consumption due to its polyphase implementation.
Table 23 lists the coefficients of the half-band filter in low-pass
mode. In high-pass mode, Coefficient C9 is multiplied by −1.
The decimal coefficients used in the implementation and the
decimal equivalent values of the coefficients are listed.
Coefficients not listed in Table 23 are 0s.
Table 23. Fixed Coefficients for Half-Band Filter
Coefficient
Number
Decimal
Coefficient
Quantized
Coefficient (12-Bit)
0
0.012207
25
C2, C16
−0.022949
−47
C4, C14
0.045410
93
C6, C12
−0.094726
−194
C8, C10
0.314453
644
C9
0.500000
1024
Half-Band Filter Features
The half-band decimating filter provides approximately 39.5%
of the output sample rate in usable bandwidth (19.75% of the
input sample clock). The filter provides >40 dB of rejection. The
normalized response of the half-band filter in low-pass mode is
shown in Figure 82. In low-pass mode, operation is allowed in
the first Nyquist zone, which includes frequencies of up to fS/2,
where fS is the decimated sample rate. For example, with an
input clock of 500 MHz, the output sample rate is 250 MSPS
and fS/2 = 125 MHz.
–80
–70
–60
–50
–40
–30
–20
–10
0
10
0
0.05 0.10 0.15 0.20 0.25
NORMALIZED FREQUENCY (×
RAD/SAMPLE)
0.30 0.35 0.40 0.45 0.50
Figure 82. Low-Pass, Half-Band Filter Response
The half-band filter can also be used in high-pass mode. The
usable bandwidth remains at 39.5% of the output sample rate
(19.75% of the input sample clock), which is the same as in low-
pass mode). Figure 83 shows the normalized response of the
half-band filter in high-pass mode. In high-pass mode, operation
is allowed in the second and third Nyquist zones, which includes
frequencies from fS/2 to 3fS/2, where fS is the decimated sample
rate. For example, with an input clock of 500 MHz, the output
sample rate is 250 MSPS, fS/2 = 125 MHz, and 3fS/2 = 375 MHz.
–80
–70
–60
–50
–40
–30
–20
–10
0
10
0
0.1
0.2
0.3
0.4
0.5
NORMALIZED FREQUENCY (× π RAD/SAMPLE)
0.6
0.7
0.8
0.9
1.0
Figure 83. High-Pass, Half-Band Filter Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com