Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6684 Datasheet(PDF) 12 Page - Analog Devices

Part # AD6684
Description  135 MHz Quad IF Receiver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6684 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD6684 Datasheet HTML 8Page - Analog Devices AD6684 Datasheet HTML 9Page - Analog Devices AD6684 Datasheet HTML 10Page - Analog Devices AD6684 Datasheet HTML 11Page - Analog Devices AD6684 Datasheet HTML 12Page - Analog Devices AD6684 Datasheet HTML 13Page - Analog Devices AD6684 Datasheet HTML 14Page - Analog Devices AD6684 Datasheet HTML 15Page - Analog Devices AD6684 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 107 page
background image
AD6684
Data Sheet
Rev. 0 | Page 12 of 107
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
AVDD3
VIN–A
VIN+A
AVDD2
AVDD2
AVDD3
VIN+B
VIN–B
AVDD2
AVDD1
AVDD1
VCM_AB
DVDD
DGND
DRVDD2
PDWN/STBY
17
FD_A
18
FD_B
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
AVDD3
VIN–C
VIN+C
AVDD2
AVDD2
AVDD3
VIN+D
VIN–D
AVDD2
AVDD1
AVDD1
VCM_CD/VREF
DVDD
DGND
SPIVDD
CSB
SCLK
SDIO
NOTES
1. EXPOSED PAD. ANALOG GROUND. THE EXPOSED THERMAL PAD ON THE BOTTOM OF THE PACKAGE
PROVIDES THE GROUND REFERENCE FOR AVDDx, SPIVDD, DVDD, DRVDD1, AND DRVDD2.
THIS EXPOSED PAD MUST BE CONNECTED TO GROUND FOR PROPER OPERATION.
AD6684
TOP VIEW
(Not to Scale)
Figure 5. Pin Configuration (Top View)
Table 8. Pin Function Descriptions
Pin No.
Mnemonic
Type
Description
0
AGND/EPAD
Ground
Exposed Pad. Analog Ground. The exposed thermal pad on
the bottom of the package provides the ground reference for
AVDDx, SPIVDD, DVDD, DRVDD1, and DRVDD2. This exposed
pad must be connected to ground for proper operation.
1, 6, 49, 54
AVDD3
Supply
Analog Power Supply (2.5 V Nominal).
2, 3
VIN−A, VIN+A
Input
ADC A Analog Input Complement/True.
4, 5, 9, 46, 50, 51, 55, 72
AVDD2
Supply
Analog Power Supply (1.8 V Nominal).
7, 8
VIN+B, VIN−B
Input
ADC B Analog Input True/Complement.
10, 11, 44, 45, 56, 57, 58, 59,
62, 68, 69, 70, 71
AVDD1
Supply
Analog Power Supply (0.975 V Nominal).
12
VCM_AB
Output
Common-Mode Level Bias Output for Analog Input Channel A
and Channel B
13, 42
DVDD
Supply
Digital Power Supply (0.975 V Nominal).
14, 41
DGND
Ground
Ground Reference for DVDD and SPIVDD.
15
DRVDD2
Supply
Digital Power Supply for JESD204B PLL (1.8 V Nominal).
16
PDWN/STBY
Input
Power-Down Input (Active High). The operation of this pin
depends on the SPI mode and can be configured as power-
down or standby. Requires external 10 kΩ pull-down resistor.
17, 18, 36, 35
FD_A, FD_B, FD_C, FD_D
Output
Fast Detect Outputs for Channel A, Channel B, Channel C, and
Channel D.
19
SYNCINB−AB
Input
Active Low JESD204B LVDS Sync Input Complement for
Channel A and Channel B.
20
SYNCINB+AB
Input
Active Low JESD204B LVDS/CMOS Sync Input True for Channel A
and Channel B.
21, 32
DRGND
Ground
Ground Reference for DRVDD1 and DRVDD2.
22, 31
DRVDD1
Supply
Digital Power Supply for SERDOUT Pins (0.975 V Nominal).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com