Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6684 Datasheet(PDF) 19 Page - Analog Devices

Part # AD6684
Description  135 MHz Quad IF Receiver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6684 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD6684 Datasheet HTML 15Page - Analog Devices AD6684 Datasheet HTML 16Page - Analog Devices AD6684 Datasheet HTML 17Page - Analog Devices AD6684 Datasheet HTML 18Page - Analog Devices AD6684 Datasheet HTML 19Page - Analog Devices AD6684 Datasheet HTML 20Page - Analog Devices AD6684 Datasheet HTML 21Page - Analog Devices AD6684 Datasheet HTML 22Page - Analog Devices AD6684 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 107 page
background image
Data Sheet
AD6684
Rev. 0 | Page 19 of 107
–95
–94
–93
–92
–91
–90
–89
–88
–87
–86
–85
–84
–83
–82
–81
–80
–79
–78
–77
–76
–75
ANALOG INPUT FREQUENCY (MHz)
BUFFER CURRENT = 160µA
BUFFER CURRENT = 200µA
BUFFER CURRENT = 240µA
BUFFER CURRENT = 280µA
Figure 36. SFDR vs. Analog Input Frequency with Different Buffer Current
Settings (First and Second Nyquist Zones)
–85
–84
–83
–82
–81
–80
–79
–78
–77
–76
–75
–74
–73
–72
–71
–70
–69
–68
–67
–66
–65
ANALOG INPUT FREQUENCY (MHz)
BUFFER CURRENT = 200µA
BUFFER CURRENT = 240µA
BUFFER CURRENT = 280µA
BUFFER CURRENT = 320µA
Figure 37. SFDR vs. Analog Input Frequency with Different Buffer Current
Settings (Third Nyquist Zone)
–80
–78
–76
–74
–72
–70
–68
–66
–64
–62
–60
–58
–56
–54
–52
–50
–48
–46
–44
–42
–40
ANALOG INPUT FREQUENCY (MHz)
BUFFER CURRENT = 320µA
BUFFER CURRENT = 360µA
BUFFER CURRENT = 400µA
BUFFER CURRENT = 440µA
Figure 38. SFDR vs. Analog Input Frequency with Different Buffer Current
Settings (Fourth Nyquist Zone)
ANALOG INPUT FREQUENCY (MHz)
64
65
66
67
68
69
INPUT FULL SCALE = 2.16V
INPUT FULL SCALE = 1.44V
Figure 39. SNR vs. Analog Input Frequency with Different Analog Input
Full Scales (First and Second Nyquist Zones)
INPUT FULL SCALE = 2.16V
INPUT FULL SCALE = 1.44V
ANALOG INPUT FREQUENCY (MHz)
64.0
64.2
64.4
64.6
64.8
65.0
65.2
65.4
65.6
65.8
66.0
66.2
66.4
66.6
66.8
67.0
67.2
67.4
67.6
67.8
68.0
68.2
68.4
68.6
68.8
69.0
Figure 40. SNR vs. Analog Input Frequency with Different Analog Input
Full Scales (Third Nyquist Zone)
62
63
64
65
66
67
68
INPUT FULL SCALE = 2.16V
INPUT FULL SCALE = 1.44V
ANALOG INPUT FREQUENCY (MHz)
Figure 41. SNR vs. Analog Input Frequency with Different Analog Input
Full Scales (Fourth Nyquist Zone)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com