Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6684 Datasheet(PDF) 32 Page - Analog Devices

Part # AD6684
Description  135 MHz Quad IF Receiver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6684 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD6684 Datasheet HTML 28Page - Analog Devices AD6684 Datasheet HTML 29Page - Analog Devices AD6684 Datasheet HTML 30Page - Analog Devices AD6684 Datasheet HTML 31Page - Analog Devices AD6684 Datasheet HTML 32Page - Analog Devices AD6684 Datasheet HTML 33Page - Analog Devices AD6684 Datasheet HTML 34Page - Analog Devices AD6684 Datasheet HTML 35Page - Analog Devices AD6684 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 107 page
background image
AD6684
Data Sheet
Rev. 0 | Page 32 of 107
DIGITAL DOWNCONVERTER (DDC)
The AD6684 includes four DDCs that provide filtering and reduce
the output data rate. This digital processing section includes an
NCO, a half-band decimating filter, a finite impulse response
(FIR) filter, a gain stage, and a complex to real conversion stage.
Each of these processing blocks has control lines that allow it to be
independently enabled and disabled to provide the desired
processing function. Each pair of ADC channels has two DDCs
(DDC0 and DDC1) for a total of four DDCs. The digital down-
converter can be configured to output either real data or
complex output data.
The DDCs output a 16-bit stream. To enable this operation, the
converter number of bits, N, is set to a default value of 16, even
though the analog core only outputs 14 bits. In full bandwidth
operation, the ADC outputs are 9-bit words followed by seven
zeros, unless the tail bits are enabled.
DDC I/Q INPUT SELECTION
The AD6684 has four ADC channels and four DDC channels.
Each DDC channel has two input ports that can be paired to
support both real and complex inputs through the I/Q crossbar
mux. For real signals, both DDC input ports must select the
same ADC channel (that is, DDC Input Port I = ADC Channel A
and DDC Input Port Q = ADC Channel A). For complex
signals, each DDC input port must select different ADC
channels (that is, DDC Input Port I = ADC Channel A and
DDC Input Port Q = ADC Channel B, or DDC Input Port I =
ADC Channel C and DDC Input Port Q = ADC Channel D).
The inputs to each DDC are controlled by the DDC input selec-
tion registers (Register 0x0311 and Register 0x0331) in conjunction
with the pair index register (Register 0x0009). See Table 45 and
Table 46 for information on how to configure the DDCs.
DDC I/Q OUTPUT SELECTION
Each DDC channel has two output ports that can be paired to
support both real and complex outputs. For real output signals,
only the DDC Output Port I is used (the DDC Output Port Q is
invalid). For complex I/Q output signals, both DDC Output
Port I and DDC Output Port Q are used.
The I/Q outputs to each DDC channel are controlled by the
DDC complex to real enable bit, Bit 3 in the DDC control
registers (Register 0x0310 and Register 0x0330) in conjunction
with the pair index register (Register 0x0009).
The Chip Q ignore bit in the chip mode register (Register 0x0200,
Bit 5) controls the chip output muxing of all the DDC channels.
When all DDC channels use real outputs, set this bit high to
ignore all DDC Q output ports. When any of the DDC channels
are set to use complex I/Q outputs, the user must clear this bit
to use both DDC Output Port I and DDC Output Port Q. For
more information, see Figure 81.
DDC GENERAL DESCRIPTION
The four DDC blocks are used to extract a portion of the full
digital spectrum captured by the ADC(s). The DDC blocks are
intended for IF sampling or oversampled baseband radios
requiring wide bandwidth input signals.
Each DDC block contains the following signal processing stages:
Frequency translation stage (optional)
Filtering stage
Gain stage (optional)
Complex to real conversion stage (optional)
Frequency Translation Stage (Optional)
This stage consists of a 48-bit complex NCO and quadrature
mixers that can be used for frequency translation of both real
and complex input signals. This stage shifts a portion of the
available digital spectrum down to baseband.
Filtering Stage
After shifting down to baseband, this stage decimates the
frequency spectrum using a chain of up to four half-band, low-
pass filters for rate conversion. The decimation process lowers the
output data rate, which in turn reduces the output interface rate.
Gain Stage (Optional)
To compensate for losses associated with mixing a real input
signal down to baseband, this stage adds an additional 0 dB or
6 dB of gain.
Complex to Real Conversion Stage (Optional)
When real outputs are necessary, this stage converts the complex
outputs back to real by performing an fS/4 mixing operation
plus a filter to remove the complex component of the signal.
Figure 73 shows the detailed block diagram of the DDCs
implemented in the AD6684.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com