Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6684 Datasheet(PDF) 64 Page - Analog Devices

Part # AD6684
Description  135 MHz Quad IF Receiver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6684 Datasheet(HTML) 64 Page - Analog Devices

Back Button AD6684 Datasheet HTML 60Page - Analog Devices AD6684 Datasheet HTML 61Page - Analog Devices AD6684 Datasheet HTML 62Page - Analog Devices AD6684 Datasheet HTML 63Page - Analog Devices AD6684 Datasheet HTML 64Page - Analog Devices AD6684 Datasheet HTML 65Page - Analog Devices AD6684 Datasheet HTML 66Page - Analog Devices AD6684 Datasheet HTML 67Page - Analog Devices AD6684 Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 107 page
background image
AD6684
Data Sheet
Rev. 0 | Page 64 of 107
LATENCY
END-TO-END TOTAL LATENCY
Total latency in the AD6684 is dependent on the various digital
signal processing (DSP) and JESD204B configuration modes.
Latency is fixed at 28 encode clocks through the ADC itself, but
the latency through the DSP and JESD204B blocks can vary
greatly, depending on the configuration. Therefore, the total
latency must be calculated based on the DSP options selected
and the JESD204B configuration.
Table 36 shows the combined latency through the ADC, DSP,
and JESD204B blocks for some of the different application
modes supported by the AD6684. Latency is in units of the
encode clock.
Table 36. Latency Through the AD6684
 
ADC Application Mode
JESD204B Transport Layer Settings
Latency (Number of Encode Clocks)
L
M
F
ADC + DSP
JESD204B
Total
Full Bandwidth (9-Bit)
2
2
2
30
14
44
DDC (HB1)1
2
4
4
92
17
109
DDC (HB2 + HB1)1
1
4
8
162
13
175
DDC (HB3 +HB2 + HB1)1
1
4
8
292
28
320
DDC (HB4 + HB3 + HB2 + HB1)1
1
4
8
548
39
587
Decimate by 2 + NSR
1
2
4
64
6
70
NSR
2
2
2
38
16
54
1 No mixer, complex outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com