Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6684 Datasheet(PDF) 78 Page - Analog Devices

Part # AD6684
Description  135 MHz Quad IF Receiver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6684 Datasheet(HTML) 78 Page - Analog Devices

Back Button AD6684 Datasheet HTML 74Page - Analog Devices AD6684 Datasheet HTML 75Page - Analog Devices AD6684 Datasheet HTML 76Page - Analog Devices AD6684 Datasheet HTML 77Page - Analog Devices AD6684 Datasheet HTML 78Page - Analog Devices AD6684 Datasheet HTML 79Page - Analog Devices AD6684 Datasheet HTML 80Page - Analog Devices AD6684 Datasheet HTML 81Page - Analog Devices AD6684 Datasheet HTML 82Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 107 page
background image
AD6684
Data Sheet
Rev. 0 | Page 78 of 107
Reg.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
R/W
0x0337
Pair Map
DDC 1 Phase
Increment 3
DDC 1 NCO frequency value, twos complement[31:24]
0x00
R/W
0x0338
Pair Map
DDC 1 Phase
Increment 4
DDC 1 NCO frequency value, twos complement[39:32]
0x00
R/W
0x033A Pair Map
DDC 1 Phase
Increment 5
DDC 1 NCO frequency value, twos complement[47:40]
0x00
R/W
0x033D Pair Map
DDC 1 Phase
Offset 0
DDC 1 NCO phase value, twos complement[7:0]
0x00
R/W
0x033E
Pair Map
DDC 1 Phase
Offset 1
DDC 1 NCO phase value, twos complement[15:8]
0x00
R/W
0x033F
Pair Map
DDC 1 Phase
Offset 2
DDC 1 NCO phase value, twos complement[23:16]
0x00
R/W
0x0340
Pair Map
DDC 1 Phase
Offset 3
DDC 1 NCO phase value, twos complement[31:24]
0x00
R/W
0x0341
Pair Map
DDC 1 Phase
Offset 4
DDC 1 NCO phase value, twos complement[39:32]
0x00
R/W
0x0342
Pair Map
DDC 1 Phase
Offset 5
DDC 1 NCO phase value, twos complement[47:40]
0x00
R/W
0x0347
Pair map
DDC 1 test
enable
Reserved
DDC 1 Q output
test mode enable
Reserved
DDC 1
I output
test
mode
enable
0x00
R/W
0x041E
Channel map
NSR dec-
imate by 2
control
High-pass/
low-pass
mode
Reserved
NSR dec-
imate by
2 enable
0x00
R/W
0x0420
NSR mode
Reserved
NSR mode
Reserved 0x00
R/W
0x0422
Channel map
NSR tuning
Reserved
NSR tuning word
0x00
R/W
0x0430
Pair map
VDR control
Reserved
VDR
bandwidth
VDR
complex
mode
enable
0x01
R/W
0x0434
Channel map
VDR tuning
frequency
Reserved
VDR center frequency
0x00
R/W
0x0550
Channel map
test mode
control
User
pattern
selection
Reser-
ved
Reset PN
sequence
Reset PN short
generation
Test mode selection
0x00
R/W
0x0551
Pair Map
User
Pattern 1 LSB
User Pattern 1[7:0]
0x00
R/W
0x0552
Pair Map
User
Pattern 1
MSB
User Pattern 1[15:8]
0x00
R/W
0x0553
Pair Map
User
Pattern 2 LSB
User Pattern 2[7:0]
0x00
R/W
0x0554
Pair Map
User
Pattern 2
MSB
User Pattern 2[15:8]
0x00
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com