Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6684 Datasheet(PDF) 16 Page - Analog Devices

Part # AD6684
Description  135 MHz Quad IF Receiver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6684 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD6684 Datasheet HTML 12Page - Analog Devices AD6684 Datasheet HTML 13Page - Analog Devices AD6684 Datasheet HTML 14Page - Analog Devices AD6684 Datasheet HTML 15Page - Analog Devices AD6684 Datasheet HTML 16Page - Analog Devices AD6684 Datasheet HTML 17Page - Analog Devices AD6684 Datasheet HTML 18Page - Analog Devices AD6684 Datasheet HTML 19Page - Analog Devices AD6684 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 107 page
background image
AD6684
Data Sheet
Rev. 0 | Page 16 of 107
–160
–140
–120
–100
–80
–60
–40
–20
0
0
50
100
FREQUENCY (MHz)
150
200
250
AIN1 AND AIN2 = –7dBFS
SFDR = 86.4dBFS
Figure 18. Two Tone FFT; fIN1 = 153.5 MHz, fIN2 = 156.5 MHz
–160
–140
–120
–100
–80
–60
–40
–20
0
0
50
100
FREQUENCY (MHz)
150
200
250
AIN1 AND AIN2 = –7dBFS
SFDR = 85.9dBFS
Figure 19. Two Tone FFT; fIN1 = 303.5 MHz, fIN2 = 306.5 MHz
–140
–120
–100
–80
–60
–40
–20
0
–90 –84 –78 –72 –66 –60 –54 –48
ANALOG INPUT AMPLITUDE (dBFS)
–42 –36 –30 –24 –18 –12
0
IMD3 (dBc)
IMD3 (dBFS)
SFDR (dBFS)
SFDR (dBc)
Figure 20. Two Tone SFDR/IMD3 vs. Analog Input Amplitude (AIN) with
fIN1 = 303.5 MHz and fIN2 = 306.5 MHz
–40
–30
–20
–10
0
10
20
30
40
50
60
70
80
90
100
110
120
–100 –90
–80
–70
–60
–50
ANALOG INPUT FREQUENCY (MHz)
–40
–30
–20
–10
0
SFDR (dBFS)
SNRFS
SFDR (dBc)
SNR
Figure 21. SNR/SFDR vs. Analog Input Frequency, fIN = 155 MHz
–40
–30
–20
–10
0
10
20
30
40
50
60
70
80
90
100
110
120
–100 –90
–80
–70
–60
–50
ANALOG INPUT FREQUENCY (MHz)
–40
–30
–20
–10
0
SFDR (dBFS)
SNRFS
SFDR (dBc)
SNR
Figure 22. SNR/SFDR vs. Analog Input Frequency, fIN = 305 MHz
60
65
70
75
80
85
90
JUNCTION TEMPERATURE (°C)
SFDR
SNR
Figure 23. SNR/SFDR vs. Junction Temperature, fIN = 155 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com