Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6684 Datasheet(PDF) 69 Page - Analog Devices

Part # AD6684
Description  135 MHz Quad IF Receiver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6684 Datasheet(HTML) 69 Page - Analog Devices

Back Button AD6684 Datasheet HTML 65Page - Analog Devices AD6684 Datasheet HTML 66Page - Analog Devices AD6684 Datasheet HTML 67Page - Analog Devices AD6684 Datasheet HTML 68Page - Analog Devices AD6684 Datasheet HTML 69Page - Analog Devices AD6684 Datasheet HTML 70Page - Analog Devices AD6684 Datasheet HTML 71Page - Analog Devices AD6684 Datasheet HTML 72Page - Analog Devices AD6684 Datasheet HTML 73Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 107 page
background image
Data Sheet
AD6684
Rev. 0 | Page 69 of 107
TEST MODES
ADC TEST MODES
The AD6684 has various test options that aid in the system level
implementation. The AD6684 has ADC test modes that are
available in Register 0x0550. These test modes are described in
Table 38. When an output test mode is enabled, the analog section
of the ADC is disconnected from the digital back-end blocks,
and the test pattern is run through the output formatting block.
Some of the test patterns are subject to output formatting, and
some are not. The PN generators from the PN sequence tests
can be reset by setting Bit 4 or Bit 5 of Register 0x0550. These
tests can be performed with or without an analog signal (if
present, the analog signal is ignored); however, they do require
an encode clock.
If the application mode is set to select a DDC mode of
operation, the test modes must be enabled for each DDC
enabled. The test patterns can be enabled via Bit 2 and Bit 0 of
Register 0x0327, Register 0x0347, depending on which DDC(s)
are selected. The (I) data uses the test patterns selected for
Channel A, and the (Q) data uses the test patterns selected for
Channel B. For more information, see the AN-877 Application
Note, Interfacing to High Speed ADCs via SPI.
Table 38. ADC Test Modes
Output Test Mode
Bit Sequence
Pattern Name
Expression
Default/
Seed Value
Sample (N, N + 1, N + 2, …)
0000
Off (default)
Not applicable
Not applicable
Not applicable
0001
Midscale short
00 0000 0000 0000
Not applicable
Not applicable
0010
+Full-scale short
01 1111 1111 1111
Not applicable
Not applicable
0011
−Full-scale short
10 0000 0000 0000
Not applicable
Not applicable
0100
Checkerboard
10 1010 1010 1010
Not applicable
0x1555, 0x2AAA, 0x1555, 0x2AAA, 0x1555
0101
PN sequence long
x23 + x18 + 1
0x3AFF
0x3FD7, 0x0002, 0x26E0, 0x0A3D, 0x1CA6
0110
PN sequence short
x9 + x5 + 1
0x0092
0x125B, 0x3C9A, 0x2660, 0x0c65, 0x0697
0111
One word/zero word
toggle
11 1111 1111 1111
Not applicable
0x0000, 0x3FFF, 0x0000, 0x3FFF, 0x0000
1000
User input
Register 0x0551 to
Register 0x0558
Not applicable
User Pattern 1[15:2], User Pattern 2[15:2],
User Pattern 3[15:2], User Pattern 4[15:2],
User Pattern 1[15:2] … for repeat mode
User Pattern 1[15:2], User Pattern 2[15:2],
User Pattern 3[15:2], User Pattern 4[15:2],
0x0000 … for single mode
1111
Ramp output
(x) % 214
Not applicable
(x) % 214, (x +1) % 214, (x +2) % 214, (x +3) % 214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com