Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6684 Datasheet(PDF) 76 Page - Analog Devices

Part # AD6684
Description  135 MHz Quad IF Receiver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6684 Datasheet(HTML) 76 Page - Analog Devices

Back Button AD6684 Datasheet HTML 72Page - Analog Devices AD6684 Datasheet HTML 73Page - Analog Devices AD6684 Datasheet HTML 74Page - Analog Devices AD6684 Datasheet HTML 75Page - Analog Devices AD6684 Datasheet HTML 76Page - Analog Devices AD6684 Datasheet HTML 77Page - Analog Devices AD6684 Datasheet HTML 78Page - Analog Devices AD6684 Datasheet HTML 79Page - Analog Devices AD6684 Datasheet HTML 80Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 107 page
background image
AD6684
Data Sheet
Rev. 0 | Page 76 of 107
Reg.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
R/W
0x024B Channel map
fast detect
dwell time
LSB
Fast detect dwell time[7:0]
0x00
R/W
0x024C Channel map
fast detect
dwell time
MSB
Fast detect dwell time[15:8]
0x00
R/W
0x026F
Pair map
signal
monitor sync
control
Reserved
Signal
monitor
synchro-
nization
mode
0x00
R/W
0x0270
Channel map
signal
monitor
control
Reserved
Peak
detector
Reserved 0x00
R/W
0x0271
Channel Map
Signal
Monitor
Period 0
Signal monitor period[7:0]
0x80
R/W
0x0272
Channel Map
Signal
Monitor
Period 1
Signal monitor period[15:8]
0x00
R/W
0x0273
Channel Map
Signal
Monitor
Period 2
Signal monitor period[23:16]
0x00
R/W
0x0274
Channel map
signal
monitor
status
control
Reserved
Result update
Reserved
Result selection
0x01
R/W
0x0275
Channel Map
Signal
Monitor
Status 0
Signal monitor result[7:0]
0x00
R
0x0276
Channel Map
Signal
Monitor
Status 1
Signal monitor result[15:8]
0x00
R
0x0277
Channel Map
Signal
Monitor
Status 2
Reserved
Signal monitor result[19:16]
0x00
R
0x0278
Channel map
signal
monitor
status frame
counter
Period count result, Bits[7:0]
0x00
R
0x0279
Channel map
signal
monitor
serial framer
control
Reserved
Signal
monitor
SPORT
over JES-
D204B
enable
0x00
R/W
0x027A Channel map
signal
monitor
serial framer
input
selection
Reserved
Signal monitor SPORT over JESD204B peak detector enable
0x02
R/W
0x0300
Pair map
DDC sync
control
Reserved
DDC NCO soft reset
Reserved
DDC next
sync
DDC
synchro-
nization
mode
0x00
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com