Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM330D Datasheet(PDF) 54 Page - STMicroelectronics

Part # LSM330D
Description  Low power mode
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330D Datasheet(HTML) 54 Page - STMicroelectronics

Back Button LSM330D Datasheet HTML 50Page - STMicroelectronics LSM330D Datasheet HTML 51Page - STMicroelectronics LSM330D Datasheet HTML 52Page - STMicroelectronics LSM330D Datasheet HTML 53Page - STMicroelectronics LSM330D Datasheet HTML 54Page - STMicroelectronics LSM330D Datasheet HTML 55Page - STMicroelectronics LSM330D Datasheet HTML 56Page - STMicroelectronics LSM330D Datasheet HTML 57Page - STMicroelectronics LSM330D Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 66 page
background image
Register descriptions
LSM330D
54/66
Doc ID 022562 Rev 2
8.28
CTRL_REG2_G (21h)
Table 71.
Power mode selection configuration
Mode
PD
Zen
Yen
Xen
Power-down
0
-
-
-
Sleep
1
000
Normal
1
---
Table 72.
CTRL_REG2_G register
EXTRen
LVLen
HPM1
HPM1
HPCF3
HPCF2
HPCF1
HPCF0
Table 73.
CTRL_REG2_G description
EXTRen
Edge-sensitive trigger Enable: Default value: 0
(0: external trigger disabled; 1: External trigger enabled)
LVLen
Level-sensitive trigger Enable: Default value: 0
(0: level sensitive trigger disabled; 1: level sensitive trigger enabled)
HPM1-
HPM0
High-pass filter mode selection. Default value: 00
Refer to Table 74
HPCF3-
HPCF0
High-pass filter cut-off frequency selection
Refer to Table 75
Table 74.
High-pass filter mode configuration
HPM1
HPM0
High-pass filter mode
0
0
Normal mode (reset reading HP_RESET_FILTER)
0
1
Reference signal for filtering
1
0
Normal mode
1
1
Autoreset on interrupt event
Table 75.
High-pass filter cut-off frequency configuration [Hz]
HPCF3-0
ODR=95 Hz
ODR=190 Hz
ODR=380 Hz
ODR=760 Hz
0000
7.2
13.5
27
51.4
0001
3.5
7.2
13.5
27
0010
1.8
3.5
7.2
13.5
0011
0.9
1.8
3.5
7.2
0100
0.45
0.9
1.8
3.5
0101
0.18
0.45
0.9
1.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com