Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM330D Datasheet(PDF) 31 Page - STMicroelectronics

Part # LSM330D
Description  Low power mode
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330D Datasheet(HTML) 31 Page - STMicroelectronics

Back Button LSM330D Datasheet HTML 27Page - STMicroelectronics LSM330D Datasheet HTML 28Page - STMicroelectronics LSM330D Datasheet HTML 29Page - STMicroelectronics LSM330D Datasheet HTML 30Page - STMicroelectronics LSM330D Datasheet HTML 31Page - STMicroelectronics LSM330D Datasheet HTML 32Page - STMicroelectronics LSM330D Datasheet HTML 33Page - STMicroelectronics LSM330D Datasheet HTML 34Page - STMicroelectronics LSM330D Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 66 page
background image
LSM330D
Application hints
Doc ID 022562 Rev 2
31/66
5
Application hints
Figure 13.
LSM330D electrical connection
5.1
External capacitors
The device core is supplied through Vdd line. Power supply decoupling capacitors (C1=C3 =
100 nF ceramic, C2=10 µF Al) should be placed as near as possible to the supply pin of the
device (common design practice).
All the voltage and ground supplies must be present at the same time to have proper
behavior of the IC (refer to Figure 13). The functionality of the device and the measured
acceleration/angular rate data are selectable and accessible through the SPI/I2C interface.
The functions, the threshold and the timing of the two interrupt pins for each sensor can be
completely programmed by the user though the SPI/I2C interface.
5.2
Soldering information
The LGA package is compliant with ECOPACK®, RoHS and “Green” standards. It is
qualified for soldering heat resistance according to JEDEC J-STD-020D.
Leave “Pin 1 Indicator” unconnected during soldering.
Land pattern and soldering recommendations are available at www.st.com/mems.
DIRECTION OF
DETECTABLE
ACCELERATIONS
DIRECTION OF
DETECTABLE
ANGULAR RATE
FILTVDD
FILTIN Y
(BOTTOM VIEW)
19
RES
RES
LSM330D
RES
18
28
5
1
4
15
DRDY_G
INT2_A
INT1_A
INT1_G
RES
14
GND
Vdd
GND
GND
C2
Vdd_IO
GND
100 nF
Digital signal from/to signal controller.Signals levels are defined by proper selection of Vdd
100 nF
10 µF
C1
C3
X
1
Y
Z
Z
1
+Ω
Y
+Ω
z
+Ω
X
X
X
AM10233V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com