Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM330D Datasheet(PDF) 43 Page - STMicroelectronics

Part # LSM330D
Description  Low power mode
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330D Datasheet(HTML) 43 Page - STMicroelectronics

Back Button LSM330D Datasheet HTML 39Page - STMicroelectronics LSM330D Datasheet HTML 40Page - STMicroelectronics LSM330D Datasheet HTML 41Page - STMicroelectronics LSM330D Datasheet HTML 42Page - STMicroelectronics LSM330D Datasheet HTML 43Page - STMicroelectronics LSM330D Datasheet HTML 44Page - STMicroelectronics LSM330D Datasheet HTML 45Page - STMicroelectronics LSM330D Datasheet HTML 46Page - STMicroelectronics LSM330D Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 66 page
background image
LSM330D
Register descriptions
Doc ID 022562 Rev 2
43/66
8.2
CTRL_REG2_A (21h)
8.3
CTRL_REG3_A (22h)
Table 22.
CTRL_REG2_A register
HPM1
HPM0
HPCF2
HPCF1
FDS
HPCLICK
HPIS2
HPIS1
Table 23.
CTRL_REG2_A description
HPM1 -HPM0
High-pass filter mode selection. Default value: 00
Refer to Table 24, “High pass filter mode configuration”
HPCF2 -
HPCF1
High-pass filter cut-off frequency selection
FDS
Filtered data selection. Default value: 0
(0: internal filter bypassed; 1: data from internal filter sent to output register and
FIFO)
HPCLICK
High-pass filter enabled for CLICK function.
(0: filter bypassed; 1: filter enabled)
HPIS2
High-pass filter enabled for AOI function on interrupt 2,
(0: filter bypassed; 1: filter enabled)
HPIS1
High-pass filter enabled for AOI function on interrupt 1,
(0: filter bypassed; 1: filter enabled)
Table 24.
High-pass filter mode configuration
HPM1
HPM0
High-pass filter mode
0
0
Normal mode (reset reading HP_RESET_FILTER)
0
1
Reference signal for filtering
1
0
Normal mode
1
1
Autoreset on interrupt event
Table 25.
CTRL_REG3_A register
I1_CLICK
I1_AOI1
0(1)
1.
This bit has to be set ‘0’ for correct operation
I1_DRDY1
I1_DRDY2
I1_WTM
I1_OVERRUN
--
Table 26.
CTRL_REG3_A description
I1_CLICK
CLICK interrupt on INT1_A. Default value 0.
(0: Disable; 1: Enable)
I1_AOI1
AOI1 interrupt on INT1_A. Default value 0.
(0: Disable; 1: Enable)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com