Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM330D Datasheet(PDF) 44 Page - STMicroelectronics

Part # LSM330D
Description  Low power mode
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330D Datasheet(HTML) 44 Page - STMicroelectronics

Back Button LSM330D Datasheet HTML 40Page - STMicroelectronics LSM330D Datasheet HTML 41Page - STMicroelectronics LSM330D Datasheet HTML 42Page - STMicroelectronics LSM330D Datasheet HTML 43Page - STMicroelectronics LSM330D Datasheet HTML 44Page - STMicroelectronics LSM330D Datasheet HTML 45Page - STMicroelectronics LSM330D Datasheet HTML 46Page - STMicroelectronics LSM330D Datasheet HTML 47Page - STMicroelectronics LSM330D Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 66 page
background image
Register descriptions
LSM330D
44/66
Doc ID 022562 Rev 2
8.4
CTRL_REG4_A (23h)
8.5
CTRL_REG5_A (24h)
I1_DRDY1
DRDY1 interrupt on INT1_A. Default value 0.
(0: Disable; 1: Enable)
I1_DRDY2
DRDY2 interrupt on INT1_A. Default value 0.
(0: Disable; 1: Enable)
I1_WTM
FIFO watermark interrupt on INT1_A. Default value 0.
(0: Disable; 1: Enable)
I1_OVERRUN
FIFO Overrun interrupt on INT1_A. Default value 0.
(0: Disable; 1: Enable)
Table 26.
CTRL_REG3_A description (continued)
Table 27.
CTRL_REG4_A register
0(1)
1.
This bit must be set to ‘0’ for correct operation.
BLE
FS1
FS0
HR
0(1)
0(1)
SIM
Table 28.
CTRL_REG4_A description
BLE
Big/little endian data selection. Default value 0.
(0: Data LSb @ lower address; 1: Data MSb @ lower address)
FS1-FS0
Full Scale selection. default value: 00
(00: +/- 2G; 01: +/- 4G; 10: +/- 8G; 11: +/- 16G)
HR
High resolution output mode: Default value: 0
(0: High resolution disable; 1: High resolution enable)
SIM
SPI serial interface mode selection. Default value: 0
(0: 4-wire interface; 1: 3-wire interface).
Table 29.
CTRL_REG5_A register
BOOT
FIFO_EN
--
--
LIR_INT1
D4D_INT1
0(1)
1.
This bit must be set to ‘0’ for correct operation.
0(1)
Table 30.
CTRL_REG5_A description
BOOT
Reboot memory content. Default value: 0
(0: Normal mode; 1: reboot memory content)
FIFO_EN
FIFO enable. Default value: 0
(0: FIFO disable; 1: FIFO Enable)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com