Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM330D Datasheet(PDF) 56 Page - STMicroelectronics

Part # LSM330D
Description  Low power mode
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330D Datasheet(HTML) 56 Page - STMicroelectronics

Back Button LSM330D Datasheet HTML 52Page - STMicroelectronics LSM330D Datasheet HTML 53Page - STMicroelectronics LSM330D Datasheet HTML 54Page - STMicroelectronics LSM330D Datasheet HTML 55Page - STMicroelectronics LSM330D Datasheet HTML 56Page - STMicroelectronics LSM330D Datasheet HTML 57Page - STMicroelectronics LSM330D Datasheet HTML 58Page - STMicroelectronics LSM330D Datasheet HTML 59Page - STMicroelectronics LSM330D Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 66 page
background image
Register descriptions
LSM330D
56/66
Doc ID 022562 Rev 2
8.31
CTRL_REG5_G (24h)
Figure 20.
INT1_Sel and Out_Sel configuration block diagram
8.32
REFERENCE_G (25h)
Table 80.
CTRL_REG5_G register
BOOT
FIFO_EN
--
HPen
INT1_Sel1
INT1_Sel0
Out_Sel1
Out_Sel0
Table 81.
CTRL_REG5_G description
BOOT
Reboot memory content. Default value: 0
(0: Normal mode; 1: reboot memory content)
FIFO_EN
FIFO enable. Default value: 0
(0: FIFO disable; 1: FIFO Enable)
HPen
High-pass filter Enable. Default value: 0
(0: HPF disabled; 1: HPF enabled, see Figure 20)
INT1_Sel1-
INT1_Sel0
INT1 selection configuration. Default value: 0
(see Figure 20)
Out_Sel1-
Out_Sel1
Out selection configuration. Default value: 0
(see Figure 20)
ADC
LPF1
HPF
0
1
HPen
LPF2
10
11
01
00
Out_Sel <1:0>
DataReg
FIFO
32x16x3
00
11
10
01
Interrupt
generator
INT1_Sel <1:0>
AM07949V2
Table 82.
REFERENCE_G register
Ref7
Ref6
Ref5
Ref4
Ref3
Ref2
Ref1
Ref0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com