Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM330D Datasheet(PDF) 34 Page - STMicroelectronics

Part # LSM330D
Description  Low power mode
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330D Datasheet(HTML) 34 Page - STMicroelectronics

Back Button LSM330D Datasheet HTML 30Page - STMicroelectronics LSM330D Datasheet HTML 31Page - STMicroelectronics LSM330D Datasheet HTML 32Page - STMicroelectronics LSM330D Datasheet HTML 33Page - STMicroelectronics LSM330D Datasheet HTML 34Page - STMicroelectronics LSM330D Datasheet HTML 35Page - STMicroelectronics LSM330D Datasheet HTML 36Page - STMicroelectronics LSM330D Datasheet HTML 37Page - STMicroelectronics LSM330D Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 66 page
background image
Digital interfaces
LSM330D
34/66
Doc ID 022562 Rev 2
Data transfer only continues when the receiver is ready for another byte and releases the
data line. If a slave receiver does not acknowledge the slave address (i.e. it is not able to
receive because it is performing some real-time function) the data line must be left HIGH by
the slave. The master can then abort the transfer. A LOW to HIGH transition on the SDA line
while the SCL line is HIGH is defined as a STOP condition. Each data transfer must be
terminated by the generation of a STOP (SP) condition.
In order to read multiple bytes, it is necessary to assert the most significant bit of the sub-
address field. In other words, SUB(7) must be equal to 1 while SUB(6-0) represents the
address of first register to be read.
In the communication format presented, MAK is Master Acknowledge and NMAK is No
Master Acknowledge.
Default address:
The SDO/SA0 pin (SDO_A / SDO_G) can be used to modify the least significant bit of the
device address. If the SA0 pad is connected to voltage supply, the LSb is ‘1’ (ex. address
0011001b), otherwise if the SA0 pad is connected to ground, the LSb value is ‘0’ (ex
address 0011000b).
The slave address is completed with a Read/Write bit. If the bit was ‘1’ (Read), a repeated
START (SR) condition will have to be issued after the two sub-address bytes; if the bit is ‘0’
(Write) the master will transmit to the slave with direction unchanged. Table 16 and 17
explain how the SAD+Read/Write bit pattern is composed, listing all the possible
configurations.
Linear acceleration address: the default (factory) 7-bit slave address is
001100xb.
Angular rate sensor: the default (factory) 7-bit slave address is 110101xb.
Table 16.
Linear acceleration SAD+Read/Write patterns
Command
SAD[6:1]
SAD[0] = SDO_A pin
R/W
SAD+R/W
Read
001100
0
1
00110001 (31h)
Write
001100
0
0
00110000 (30h)
Read
001100
1
1
00110011 (33h)
Write
001100
1
0
00110010 (32h)
Table 17.
Angular rate SAD+Read/Write patterns
Command
SAD[6:1]
SAD[0] = SDO_G pin
R/W
SAD+R/W
Read
110101
0
1
11010101 (D5h)
Write
110101
0
0
11010100 (D4h)
Read
110101
1
1
11010111 (D7h)
Write
110101
1
0
11010110 (D6h)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com